Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 241 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 241 Page - Texas Instruments

Back Button DM385 Datasheet HTML 237Page - Texas Instruments DM385 Datasheet HTML 238Page - Texas Instruments DM385 Datasheet HTML 239Page - Texas Instruments DM385 Datasheet HTML 240Page - Texas Instruments DM385 Datasheet HTML 241Page - Texas Instruments DM385 Datasheet HTML 242Page - Texas Instruments DM385 Datasheet HTML 243Page - Texas Instruments DM385 Datasheet HTML 244Page - Texas Instruments DM385 Datasheet HTML 245Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 280 page
background image
A1
A2
Processor
Address and Control
Output Buffer
DDR Address and Control Input Buffers
A3
AT
Vtt
Address and Control
Terminator
Rtt
A1
A2
Processor
Differential Clock
Output Buffer
DDR Differential CK Input Buffers
Routed as Differential Pair
A3
AT
Rcp
Clock Parallel
Terminator
A1
A2
A3
AT
Rcp
Cac
DVDD_DDR[0]
0.1 µF
+
–
+ –
+ –
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Figure 8-66. CK Topology for Two DDR3 Devices
Figure 8-67. ADDR_CTRL Topology for Two DDR3 Devices
8.13.3.14.2.2 CK and ADDR_CTRL Routing, Two DDR3 Devices
Figure 8-68 shows the CK routing for two DDR3 devices placed on the same side of the PCB. Figure 8-69
shows the corresponding ADDR_CTRL routing.
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
241
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com