Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 257 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 257 Page - Texas Instruments

Back Button DM385 Datasheet HTML 253Page - Texas Instruments DM385 Datasheet HTML 254Page - Texas Instruments DM385 Datasheet HTML 255Page - Texas Instruments DM385 Datasheet HTML 256Page - Texas Instruments DM385 Datasheet HTML 257Page - Texas Instruments DM385 Datasheet HTML 258Page - Texas Instruments DM385 Datasheet HTML 259Page - Texas Instruments DM385 Datasheet HTML 260Page - Texas Instruments DM385 Datasheet HTML 261Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 280 page
background image
Start
D0
D1
Dx
End
7
SDx_CLK
SDx_DAT[x]
9
10
4
3
4
3
START
D0
D1
Dx
END
7
SDx_CLK
SDx_DAT[x]
14
10
9
14
14
14
START
XMIT
Valid
Valid
Valid
END
7
SDx_CLK
SDx_CMD
10
9
1
2
START
XMIT
Valid
Valid
Valid
END
7
SDx_CLK
SDx_CMD
13
10
9
13
13
13
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 8-75. Switching Characteristics Over Recommended Operating Conditions for
MMC/SD/SDIO (continued)
(see Figure 8-85 through Figure 8-88)
OPP100/OPP120/
Turbo/Nitro
MODES
NO.
PARAMETER
UNIT
3.3 V STD
3.3 V HS
1.8 V SDR12
1.8 V SDR25
MIN
MAX
MIN
MAX
11
tr(CLK)
Rise time, All Signals (10% to 90%)
2.2
2.2
ns
12
tf(CLK)
Fall time, All Signals (10% to 90%)
2.2
2.2
ns
Delay time, SD_CLK rising clock edge to SD_CMD
13
td(CLKL-CMD)
-4
4
2.3
14
ns
transition
Delay time, SD_CLK rising clock edge to SD_DATx
14
td(CLKL-DAT)
-4
4
2.3
14
ns
transition
Figure 8-85. MMC/SD/SDIO Host Command Timing
Figure 8-86. MMC/SD/SDIO Card Response Timing
Figure 8-87. MMC/SD/SDIO Host Write Timing
Figure 8-88. MMC/SD/SDIO Host Read and Card CRC Status Timing
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
257
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com