Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 256 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 256 Page - Texas Instruments

Back Button DM385 Datasheet HTML 252Page - Texas Instruments DM385 Datasheet HTML 253Page - Texas Instruments DM385 Datasheet HTML 254Page - Texas Instruments DM385 Datasheet HTML 255Page - Texas Instruments DM385 Datasheet HTML 256Page - Texas Instruments DM385 Datasheet HTML 257Page - Texas Instruments DM385 Datasheet HTML 258Page - Texas Instruments DM385 Datasheet HTML 259Page - Texas Instruments DM385 Datasheet HTML 260Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
8.15 MultiMedia Card/Secure Digital/Secure Digital Input Output (MMC/SD/SDIO)
The device includes 3 MMC/SD/SDIO Controllers which are compliant with MMC V4.3, Secure Digital Part
1 Physical Layer Specification V2.00 and Secure Digital Input Output (SDIO) V2.00 specifications.
The device MMC/SD/SDIO Controller has the following features:
•
MultiMedia card (MMC)
•
Secure Digital (SD) memory card
•
MMC/SD protocol support
•
SDIO protocol support
•
Programmable clock frequency
•
1024 byte read/write FIFO to lower system overhead
•
Slave EDMA transfer capability
•
SD High capacity support
•
SDXC card support
–
Supports only SDHC clock rates
–
Booting from SDXC cards is not supported
8.15.1 MMC/SD/SDIO Peripheral Register Descriptions
The MMC/SD/SDIO peripheral registers are described in the device-specific Technical Reference Manual.
Each register is documented as an offset from a base address for the peripheral. The base addresses for
all of the peripherals are in the device memory map (see Section 2.10).
8.15.2 MMC/SD/SDIO Electrical Data/Timing
Table 8-74. Timing Requirements for MMC/SD/SDIO
(see Figure 8-86, Figure 8-88)
OPP100/OPP120/
Turbo/Nitro
NO
UNIT
.
ALL MODES
MIN
MAX
1
tsu(CMDV-CLKH)
Setup time, SD_CMD valid before SD_CLK rising clock edge
4.1
ns
2
th(CLKH-CMDV)
Hold time, SD_CMD valid after SD_CLK rising clock edge
1.9
ns
3
tsu(DATV-CLKH)
Setup time, SD_DATx valid before SD_CLK rising clock edge
4.1
ns
4
th(CLKH-DATV)
Hold time, SD_DATx valid after SD_CLK rising clock edge
1.9
ns
Table 8-75. Switching Characteristics Over Recommended Operating Conditions for MMC/SD/SDIO
(see Figure 8-85 through Figure 8-88)
OPP100/OPP120/
Turbo/Nitro
MODES
NO.
PARAMETER
UNIT
3.3 V STD
3.3 V HS
1.8 V SDR12
1.8 V SDR25
MIN
MAX
MIN
MAX
fop(CLK)
Operating frequency, SD_CLK
24
48
MHz
7
tc(CLK)
Operating period: SD_CLK
41.7
20.8
ns
fop(CLKID)
Identification mode frequency, SD_CLK
400
400
kHz
8
tc(CLKID)
Identification mode period: SD_CLK
2500.0
2500.0
ns
9
tw(CLKL)
Pulse duration, SD_CLK low
0.5*P(1)
0.5*P(1)
ns
10
tw(CLKH)
Pulse duration, SD_CLK high
0.5*P(1)
0.5*P(1)
ns
(1)
P = SD_CLK period.
256
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com