Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 252 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 252 Page - Texas Instruments

Back Button DM385 Datasheet HTML 248Page - Texas Instruments DM385 Datasheet HTML 249Page - Texas Instruments DM385 Datasheet HTML 250Page - Texas Instruments DM385 Datasheet HTML 251Page - Texas Instruments DM385 Datasheet HTML 252Page - Texas Instruments DM385 Datasheet HTML 253Page - Texas Instruments DM385 Datasheet HTML 254Page - Texas Instruments DM385 Datasheet HTML 255Page - Texas Instruments DM385 Datasheet HTML 256Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
8.14.3 McASP (McASP[1:0]) Electrical Data/Timing
Table 8-72. Timing Requirements for McASP(1)
(see Figure 8-83)
OPP100/OPP120/
Turbo/Nitro
NO.
UNIT
MIN
MAX
1
tc(AHCLKRX)
Cycle time, MCA[x]_AHCLKR/X
20
ns
0.5P -
2
tw(AHCLKRX)
Pulse duration, MCA[x]_AHCLKR/X high or low
ns
2.5(2)
3
tc(ACLKRX)
Cycle time, MCA[x]_ACLKR/X
20
ns
0.5R -
4
tw(ACLKRX)
Pulse duration, MCA[x]_ACLKR/X high or low
ns
2.5(3)
ACLKR/X int
10.5
Setup time, MCA[x]_AFSR/X input valid before
5
tsu(AFSRX-ACLKRX)
ACLKR/X ext in
4
ns
MCA[X]_ACLKR/X
ACLKR/X ext out
4
ACLKR/X int
-1
Hold time, MCA[x]_AFSR/X input valid after
6
th(ACLKRX-AFSRX)
ACLKR/X ext in
1
ns
MCA[X]_ACLKR/X
ACLKR/X ext out
1
ACLKR/X int
10.5
Setup time, MCA[x]_AXR input valid before
7
tsu(AXR-ACLKRX)
ACLKR/X ext in
4
ns
MCA[X]_ACLKR/X
ACLKR/X ext out
4
ACLKR/X int
-1
Hold time, MCA[x]_AXR input valid after
8
th(ACLKRX-AXR)
ACLKR/X ext in
1
ns
MCA[X]_ACLKR/X
ACLKR/X ext out
1
(1)
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
(2)
P = MCA[x]_AHCLKR/X period in nano seconds (ns).
(3)
R = MCA[x]_ACLKR/X period in ns.
252
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com