Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 249 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 249 Page - Texas Instruments

Back Button DM385 Datasheet HTML 245Page - Texas Instruments DM385 Datasheet HTML 246Page - Texas Instruments DM385 Datasheet HTML 247Page - Texas Instruments DM385 Datasheet HTML 248Page - Texas Instruments DM385 Datasheet HTML 249Page - Texas Instruments DM385 Datasheet HTML 250Page - Texas Instruments DM385 Datasheet HTML 251Page - Texas Instruments DM385 Datasheet HTML 252Page - Texas Instruments DM385 Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 280 page
background image
DQLMX3
DQLMY0
DQLMY3
DQLMY2
DB3
DQLMX2
DB2
3
2
1
DQ[23:31]/DM3/DQS3
0
DQ[16:23]/DM2/DQS2
DQLMX1
DB1
DB0
DQLMX0
DQ[8:15]/DM1/DQS1
DQ[0:7]/DM0/DQS0
DQLMY1
DB0 - DB3 represent data bytes 0 - 3.
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 8-70. CK and ADDR_CTRL Routing Specification(1)(2) (continued)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
16
Center-to-center CK to other DDR3 trace spacing(9)
4w
17
Center-to-center ADDR_CTRL to other DDR3 trace spacing(9)(10)
4w
18
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(9)
3w
19
CK center-to-center spacing(11)
20
CK spacing to other net(9)
4w
21
Rcp(12)
Zo-1
Zo
Zo+
Ω
22
Rtt(12)(13)
Zo-5
Zo
Zo+5
Ω
(9)
Center-to-center spacing is allowed to fall to minimum (2w) for up to 1250 mils of routed length.
(10) The ADDR_CTRL net class of the other DDR EMIF is considered other DDR3 trace spacing.
(11) CK spacing set to ensure proper differential impedance.
(12) Source termination (series resistor at driver) is specifically not allowed.
(13) Termination values should be uniform across the net class.
8.13.3.16.2 DQS and DQ Routing Specification
Skew within the DQS and DQ/DM net classes directly reduces setup and hold margin and thus this skew
must be controlled. The only way to practically match lengths on a PCB is to lengthen the shorter traces
up to the length of the longest net in the net class and its associated clock. As with CK and ADDR_CTRL,
a reasonable trace route length is to within a percentage of its Manhattan distance. DQLMn is defined as
DQ Longest Manhattan distance n, where n is the byte number. For a 32-bit interface, there are four
DQLMs, DQLM0-DQLM3. Likewise, for a 16-bit interface, there are two DQLMs, DQLM0-DQLM1.
NOTE
It is not required, nor is it recommended, to match the lengths across all bytes. Length
matching is only required within each byte.
Given the DQS and DQ/DM pin locations on the processor and the DDR3 memories, the maximum
possible Manhattan distance can be determined given the placement. Figure 8-82 shows this distance for
four loads. It is from this distance that the specifications on the lengths of the transmission lines for the
data bus are determined. For DQS and DQ/DM routing, these specifications are contained in Table 8-71.
There are four DQLMs, one for each byte (32-bit interface). Each DQLM is the longest Manhattan distance of the
byte; therefore:
DQLM0 = DQLMX0 + DQLMY0
DQLM1 = DQLMX1 + DQLMY1
DQLM2 = DQLMX2 + DQLMY2
DQLM3 = DQLMX3 + DQLMY3
Figure 8-82. DQLM for Any Number of Allowed DDR3 Devices
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
249
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com