Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 248 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 248 Page - Texas Instruments

Back Button DM385 Datasheet HTML 244Page - Texas Instruments DM385 Datasheet HTML 245Page - Texas Instruments DM385 Datasheet HTML 246Page - Texas Instruments DM385 Datasheet HTML 247Page - Texas Instruments DM385 Datasheet HTML 248Page - Texas Instruments DM385 Datasheet HTML 249Page - Texas Instruments DM385 Datasheet HTML 250Page - Texas Instruments DM385 Datasheet HTML 251Page - Texas Instruments DM385 Datasheet HTML 252Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 280 page
background image
=
Rtt
A2
A3
AT
Vtt
A8
(A)
A8
(A)
A8
(A)
CACLMX
CACLMY
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
A.
It is very likely that the longest CK/ADDR_CTRL Manhattan distance will be for Address Input 8 (A8) on the DDR3
memories. CACLM is based on the longest Manhattan distance due to the device placement. Verify the net class that
satisfies this criteria and use as the baseline for CK/ADDR_CTRL skew matching and length control.
The length of shorter CK/ADDR_CTRL stubs as well as the length of the terminator stub are not included in this
length calculation. Non-included lengths are grayed out in the figure.
Assuming A8 is the longest, CALM = CACLMY + CACLMX + 300 mils.
The extra 300 mils allows for routing down lower than the DDR3 memories and returning up to reach A8.
Figure 8-81. CACLM for Two Address Loads on One Side of PCB
Table 8-70. CK and ADDR_CTRL Routing Specification(1)(2)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
A1+A2 length
2500
mils
2
A1+A2 skew
25
mils
3
A3 length
660
mils
4
A3 skew(3)
25
mils
5
A3 skew(4)
125
mils
6
A4 length
660
mils
7
A4 skew
25
mils
8
AS length
100
mils
9
AS skew
100
mils
10
AS+/AS- length
70
mils
11
AS+/AS- skew
5
mils
12
AT length(5)
500
mils
13
AT skew(6)
100
mils
14
AT skew(7)
5
mils
15
CK/ADDR_CTRL nominal trace length(8)
CACLM-50
CACLM
CACLM+50
mils
(1)
The use of vias should be minimized.
(2)
Additional bypass capacitors are required when using the DVDD_DDR[0] plane as the reference plane to allow the return current to
jump between the DVDD_DDR[0] plane and the ground plane when the net class switches layers at a via.
(3)
Non-mirrored configuration (all DDR3 memories on same side of PCB).
(4)
Mirrored configuration (one DDR3 device on top of the board and one DDR3 device on the bottom).
(5)
While this length can be increased for convenience, its length should be minimized.
(6)
ADDR_CTRL net class only (not CK net class). Minimizing this skew is recommended, but not required.
(7)
CK net class only.
(8)
CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes + 300 mils. For definition, see Section 8.13.3.16.1,
Figure 8-80, and Figure 8-81.
248
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com