| Electronic Components Datasheet Search |
|
DM385 Datasheet(PDF) 106 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM385 Datasheet(HTML) 106 Page - Texas Instruments |
|
106 / 280 page ![]() DM385, DM388 SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 www.ti.com Table 3-56. Video Output 1 (Digital) Terminal Functions (continued) SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] AAR BALL [4] VOUT[1]_G_Y_YC[6] Video Output Data. These signals represent the 8 MSBs O H4 of G/Y/YC video data. For RGB mode they are green data bits, for YUV444 mode they are Y data bits, for Y/C mode they are Y (Luma) data bits and for BT.656 mode they are multiplexed Y/Cb/Cr (Luma and Chroma) data bits. VOUT[1]_G_Y_YC[7] Video Output Data. These signals represent the 8 MSBs O J9 of G/Y/YC video data. For RGB mode they are green data bits, for YUV444 mode they are Y data bits, for Y/C mode they are Y (Luma) data bits and for BT.656 mode they are multiplexed Y/Cb/Cr (Luma and Chroma) data bits. VOUT[1]_G_Y_YC[8] Video Output Data. These signals represent the 8 MSBs O L3 of G/Y/YC video data. For RGB mode they are green data bits, for YUV444 mode they are Y data bits, for Y/C mode they are Y (Luma) data bits and for BT.656 mode they are multiplexed Y/Cb/Cr (Luma and Chroma) data bits. VOUT[1]_G_Y_YC[9] Video Output Data. These signals represent the 8 MSBs O K1 of G/Y/YC video data. For RGB mode they are green data bits, for YUV444 mode they are Y data bits, for Y/C mode they are Y (Luma) data bits and for BT.656 mode they are multiplexed Y/Cb/Cr (Luma and Chroma) data bits. VOUT[1]_HSYNC Video Output Horizontal Sync output. This is the discrete O E2 horizontal synchronization output. This signal is not used for embedded sync modes. VOUT[1]_R_CR[0] Video Output Data. These signals represent the 2 LSBs O C2 of R/Cr video data for 30-bit video modes. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. These signals are not used in 24-bit mode. VOUT[1]_R_CR[1] Video Output Data. These signals represent the 2 LSBs O C1 of R/Cr video data for 30-bit video modes. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. These signals are not used in 24-bit mode. VOUT[1]_R_CR[2] Video Output Data. These signals represent the 8 MSBs O L6 of R/Cr video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. VOUT[1]_R_CR[3] Video Output Data. These signals represent the 8 MSBs O L4 of R/Cr video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. VOUT[1]_R_CR[4] Video Output Data. These signals represent the 8 MSBs O H2 of R/Cr video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. VOUT[1]_R_CR[5] Video Output Data. These signals represent the 8 MSBs O M11 of R/Cr video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. VOUT[1]_R_CR[6] Video Output Data. These signals represent the 8 MSBs O L12 of R/Cr video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. VOUT[1]_R_CR[7] Video Output Data. These signals represent the 8 MSBs O M10 of R/Cr video data. For RGB mode they are red data bits, for YUV444 mode they are Cr (Chroma) data bits, for Y/C mode and BT.656 modes they are unused. 106 Device Pins Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: DM385 DM388 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |