Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 108 Page - Texas Instruments

Back Button DM385 Datasheet HTML 104Page - Texas Instruments DM385 Datasheet HTML 105Page - Texas Instruments DM385 Datasheet HTML 106Page - Texas Instruments DM385 Datasheet HTML 107Page - Texas Instruments DM385 Datasheet HTML 108Page - Texas Instruments DM385 Datasheet HTML 109Page - Texas Instruments DM385 Datasheet HTML 110Page - Texas Instruments DM385 Datasheet HTML 111Page - Texas Instruments DM385 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
4
Device Configurations
4.1
Control Module Registers
4.2
Boot Modes
The state of the device after boot is determined by sampling the input states of the BTMODE[15:0] pins
when device reset (POR or RESET) is de-asserted. The sampled values are latched into the
CONTROL_STATUS register, which is part of the Control Module. The BTMODE[15:11] values determine
the following system boot settings:
•
RSTOUT_WD_OUT Control
•
GPMC CS0 Default Data Bus Width, Wait Enable, and Address/Data Multiplexing
For additional details on BTMODE[15:11] pin functions, see Table 3-13, Boot Configuration Terminal
Functions.
The BTMODE[4:0] values determine the boot mode order according to Table 4-1, Boot Mode Order. The
1st boot mode listed for each BTMODE[4:0] configuration is executed as the primary boot mode. If the
primary boot mode fails, the 2nd, 3rd, and 4th boot modes are executed in that order until a successful
boot is completed.
The BTMODE[6:5] pins are RESERVED and should be pulled down as indicated in Table 3-13, Boot
Configuration Terminal Functions.
When the EMAC bootmode is selected (see Table 4-1), the sampled value from BTMODE[9:8] pins are
used to determine the Ethernet PHY Mode selection (see Table 4-7) and the BTMODE[7] pin is used for
RGMII Internal Delay selection (see Table 4-8).
When the XIP (MUX0), XIP (MUX1), XIP w/ WAiT (MUX0) or XIP w/ WAiT (MUX1) bootmode is selected
(see Table 4-1), the sampled value from BTMODE[10] pin is used to select between GPMC pin muxing
options shown in Table 4-2, XIP (on GPMC) Boot Options [Muxed or Non-Muxed].
For more detailed information on booting the device, including which pins are used for each boot mode,
see the ROM Code Memory and Peripheral Booting chapter in the device-specific Technical Reference
Manual.
108
Device Configurations
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com