Electronic Components Datasheet Search
  English  ▼

X  

MPQ4462 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ4462
Description  3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4462 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ4462 Datasheet HTML 1Page - Monolithic Power Systems MPQ4462 Datasheet HTML 2Page - Monolithic Power Systems MPQ4462 Datasheet HTML 3Page - Monolithic Power Systems MPQ4462 Datasheet HTML 4Page - Monolithic Power Systems MPQ4462 Datasheet HTML 5Page - Monolithic Power Systems MPQ4462 Datasheet HTML 6Page - Monolithic Power Systems MPQ4462 Datasheet HTML 7Page - Monolithic Power Systems MPQ4462 Datasheet HTML 8Page - Monolithic Power Systems MPQ4462 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MPQ4462 – 3.5A, 4MHz, 36V, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4462 Rev. 1.11
www.MonolithicPower.com
3
7/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2.5V, VCOMP = 1.4V, TJ = −40°C to +125°C, unless otherwise noted. Typical values
are at TJ = 25°C.
Parameter
Symbol Condition
Min
Typ
Max
Units
VIN = 4.5V to 36V, TJ = 25°C
0.786 0.792 0.803
Feedback Voltage
VFB
VIN = 4.5V to 36V
0.773
0.812
V
Upper Switch On Resistance
(5)
RDS(ON)
VBST – VSW = 5V
150
mΩ
Upper Switch Leakage
VEN = 0V, VSW = 0V, VIN = 36V
0.01
1
μA
Current Limit
Duty Cycle = 50%
4.0
5.5
A
COMP to Current Sense
Transconductance
(5)
GCS
9
A/V
Error Amp Voltage Gain
(6)
200
V/V
Error Amp Transconductance
ICOMP = ±3µA
35
60
95
µA/V
Error Amp Min Source Current
VFB = 0.7V
5
µA
Error Amp Min Sink Current
VFB = 0.9V
–5
µA
VIN UVLO Threshold
2.6
3.0
3.4
V
VIN UVLO Hysteresis
400
mV
Soft-Start Time
(5)
VFB = 0V to 0.8V
1.5
ms
Oscillator Frequency
RFREQ = 45.3kΩ
1.6
2
2.4
MHz
Shutdown Supply Current
VEN = 0V
11
18
µA
Quiescent Supply Current
No load, VFB = 0.9V
120
160
µA
Thermal Shutdown
(5)
150
°C
Thermal Shutdown Hysteresis
(5)
15
°C
Minimum OFF Time
(5)
100
ns
Minimum ON Time
(5)
80
ns
EN Rising Threshold
1.4
1.5
1.7
V
EN Falling Threshold
1.1
1.2
1.4
V
EN Threshold Hysteresis
300
mV
Note:
5) Derived from bench characterization. Not tested in production.
6) Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com