Electronic Components Datasheet Search
  English  ▼

X  

MPQ4462 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MPQ4462
Description  3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4462 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MPQ4462 Datasheet HTML 10Page - Monolithic Power Systems MPQ4462 Datasheet HTML 11Page - Monolithic Power Systems MPQ4462 Datasheet HTML 12Page - Monolithic Power Systems MPQ4462 Datasheet HTML 13Page - Monolithic Power Systems MPQ4462 Datasheet HTML 14Page - Monolithic Power Systems MPQ4462 Datasheet HTML 15Page - Monolithic Power Systems MPQ4462 Datasheet HTML 16Page - Monolithic Power Systems MPQ4462 Datasheet HTML 17Page - Monolithic Power Systems MPQ4462 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MPQ4462 – 3.5A, 4MHz, 36V, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4462 Rev. 1.11
www.MonolithicPower.com
14
7/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
compensation resistor (R3). This pole is
located at:
P3
1
f
2C6 R3
=
π×
×
The compensator shapes the converter transfer
function for a desired loop gain. The feedback
loop’s
unity-gain
crossover
frequency
is
important. Lower crossover frequencies result
slow line and load transient responses, while
higher crossover frequencies increase system
instability. For most applications, set the
crossover frequency to ~0.1×fS. Table 2 lists
some typical compensation-component values
for standard output voltages. The component
values
are
optimized
for
fast
transient
responses and good stability at given conditions.
Table 2: Compensation Values for Typical
Output Voltage/Capacitor Combinations
VOUT
(V)
L (µH)
C2
(µF)
R3
(kΩ)
C3
(pF)
C6
1.8
4.7
47
105
100
None
2.5
4.7 - 6.8
22
54.9
220
None
3.3
6.8 -10
22
68.1
220
None
5
15 - 22
22
100
150
None
12
22 - 33
22
147
150
None
To optimize the compensation components for
conditions not listed in Table 2:
1. Choose R3 for the desired crossover
frequency:
COUT
EA
CS
FB
2C2 f
V
R3
GG
V
π×
×
=×
×
Where fC is the desired crossover frequency.
2. Choose C3 for the desired phase margin. For
applications with typical inductor values, setting
the compensation zero (fZ1) below 0.25×fC
provides sufficient phase margin. C3 must meet
the following criterion:
C
f
3
R
2
4
3
C
×
×
π
>
3. Determine if C6 is required. Add C6 if the
ESR zero of the output capacitor is located at
<0.5×fC, or if the following relationship is true:
S
ESR
f
1
2C2 R
2
<
π×
×
Select C6 to set the pole (fP3) at the the ESR
zero. Determine the C6 as:
ESR
C2 R
C6
R3
×
=
High-Frequency Operation
Set the MP4462’s switching frequency up to
4MHz through an external resistor. For
switching frequencies above 2MHz, take the
following into consideration:
• The minimum ON-time is ~80ns. Pulse
skipping occurs more often at higher
switching frequencies due to the minimum
ON-time.
• The recommended operating voltage is
<12V, and <24V at 2MHz. Refer to Figure 2
for more information.
Recommended VIN (max)
vs Switching Frequency
30
25
20
15
10
5
1500 2000 2500 3000 3500 4000
VOUT=3.3V
fs (KHz)
VOUT=2.5V
Figure 2: Recommended Max. VIN vs fS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com