Electronic Components Datasheet Search
  English  ▼

X  

MPQ4462 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MPQ4462
Description  3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4462 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MPQ4462 Datasheet HTML 11Page - Monolithic Power Systems MPQ4462 Datasheet HTML 12Page - Monolithic Power Systems MPQ4462 Datasheet HTML 13Page - Monolithic Power Systems MPQ4462 Datasheet HTML 14Page - Monolithic Power Systems MPQ4462 Datasheet HTML 15Page - Monolithic Power Systems MPQ4462 Datasheet HTML 16Page - Monolithic Power Systems MPQ4462 Datasheet HTML 17Page - Monolithic Power Systems MPQ4462 Datasheet HTML 18Page - Monolithic Power Systems MPQ4462 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MPQ4462 – 3.5A, 4MHz, 36V, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4462 Rev. 1.11
www.MonolithicPower.com
15
7/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
• The internal bootstrap circuit’s impedance
may limit the charge to the bootstrap
capacitor during each (1-D)×TS charging
period. Add an external bootstrap charging
diode if the switching frequency is above
2MHz.
• At
higher
switching
frequencies,
the
capacitor’s
inductive
reactance
(XL
dominates, so that the ESL of the
input/output
capacitor
determines
the
input/output
ripple
voltage
at
higher
switching
frequencies.
Select
a
high-
frequency ceramic capacitor as the input
decoupling capacitor and the output filtering
capacitor for high-frequency operation.
• Layout becomes more important when the
device switches at higher frequencies.
Please refer to the PCB Layout Guide for
more details.
External Bootstrap Diode
Add an external bootstrap diode if the input
voltage is no greater than 5V or if the 5V rail is
available.
This
diode
improves
regulator
efficiency. The bootstrap diode can be a low-
cost one, such as the IN4148 or the BAT54.
SW
BS
5V
Figure 3: External Bootstrap Diode
This diode is also recommended for high-duty-
cycle operation (when VOUT /VIN >65%) or low
VIN (<5V) applications.
At no load or light load, the converter may
operate in pulse-skipping mode to maintain
output-voltage regulation. However, pulse-
skipping limits the BST voltage’s charging time.
For sufficient gate voltage, make sure that VIN–
VOUT>3V. For example, if VOUT is 3.3V, VIN
needs to be higher than 3.3V+3V=6.3V to
maintain the BST voltage at no load or light
load. To meet this requirement, use the EN pin
to program the input UVLO voltage to VOUT+3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com