Electronic Components Datasheet Search
  English  ▼

X  

MPQ4462 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4462
Description  3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4462 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4462 Datasheet HTML 1Page - Monolithic Power Systems MPQ4462 Datasheet HTML 2Page - Monolithic Power Systems MPQ4462 Datasheet HTML 3Page - Monolithic Power Systems MPQ4462 Datasheet HTML 4Page - Monolithic Power Systems MPQ4462 Datasheet HTML 5Page - Monolithic Power Systems MPQ4462 Datasheet HTML 6Page - Monolithic Power Systems MPQ4462 Datasheet HTML 7Page - Monolithic Power Systems MPQ4462 Datasheet HTML 8Page - Monolithic Power Systems MPQ4462 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MPQ4462
3.5A, 4MHz, 36V, Step-Down Converter
AEC-Q100 Qualified
MPQ4462 Rev. 1.11
www.MonolithicPower.com
1
7/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MPQ4462 is a high-frequency, step-down,
switching regulator with an integrated, high-side,
high-voltage, power MOSFET. It provides a 3.5A
output with current-mode control for fast loop
response and easy compensation.
The wide 3.8V-to-36V input range accommodates
a variety of step-down applications, including
those in an automotive input environment. A
120µA operational quiescent current allows for
battery-powered applications.
Switching-frequency scaling allows for high
power-conversion efficiency over a wide load
range by scaling down the switching frequency at
light loads to reduce the switching and gate
driving losses.
The frequency foldback prevent inductor-current
runaway during startup, and thermal shutdown
provides reliable and fault tolerant operation.
The MPQ4462 can operate at up to 4MHz for
EMI-sensitive applications, such as AM radio
and ADSL applications.
The MPQ4462 is available in both 3mm×3mm
QFN10 and SOIC8E packages.
FEATURES
• 120μA Quiescent Current
• Wide 3.8V-to-36V Input Range
• 150mΩ Internal Power MOSFET
• Up to 4MHz Programmable Switching
Frequency
• Stable with a Ceramic Capacitor
• Internal Soft-Start
• Internally-Set Current Limit without a Current
Sensing Resistor
• Output Adjustable from 0.8V to 30V
• Available in 3mm×3mm QFN10 and SOIC8E
Packages.
• Available in AEC-Q1000 Qualified Grade 1
APPLICATIONS
• High-Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MPQ4462

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4462DN MPS-MPQ4462DN Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4462DN-AEC1 MPS-MPQ4462DN-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4462DQ MPS-MPQ4462DQ Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4462DQ-AEC1 MPS-MPQ4462DQ-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
More results

Similar Description - MPQ4462

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4420H MPS-MPQ4420H Datasheet
770Kb / 20P
High Efficiency 2A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MPQ4473-AEC1 MPS-MPQ4473-AEC1 Datasheet
1Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter with AEC-Q100 Qualified
MPQ2451-5-AEC1 MPS-MPQ2451-5-AEC1 Datasheet
1Mb / 18P
36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
logo
MPS Industries, Inc.
MPQ4480 MPSIND-MPQ4480 Datasheet
637Kb / 22P
6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
Rev. 1.0 7/2/2019
MPQ9842 MPSIND-MPQ9842 Datasheet
2Mb / 37P
36V, 2A, Low IQ,Step-Down Converter AEC-Q100 Qualified
Rev. 1.1 7/29/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com