Electronic Components Datasheet Search
  English  ▼

X  

MPQ4462 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MPQ4462
Description  3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4462 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MPQ4462 Datasheet HTML 6Page - Monolithic Power Systems MPQ4462 Datasheet HTML 7Page - Monolithic Power Systems MPQ4462 Datasheet HTML 8Page - Monolithic Power Systems MPQ4462 Datasheet HTML 9Page - Monolithic Power Systems MPQ4462 Datasheet HTML 10Page - Monolithic Power Systems MPQ4462 Datasheet HTML 11Page - Monolithic Power Systems MPQ4462 Datasheet HTML 12Page - Monolithic Power Systems MPQ4462 Datasheet HTML 13Page - Monolithic Power Systems MPQ4462 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MPQ4462 – 3.5A, 4MHz, 36V, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4462 Rev. 1.11
www.MonolithicPower.com
10
7/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The
MPQ4462
is
a
variable-frequency,
asynchronous, step-down switching regulator
with an integrated, high-side, high-voltage,
power MOSFET. It provides a highly efficient
output with current mode control for fast loop
response and easy compensation. It features a
wide input-voltage range, internal soft-start
control, and precise current limiting. Its very-low
operational quiescent current makes it suitable
for battery-powered applications.
PWM Control
At
moderate-to-high
output
current,
the
MPQ4462 operates in a fixed-frequency, peak-
current-control mode to regulate the output
voltage. The internal clock initiates a PWM
cycle that turns the power MOSFET on. This
MOSFET remains on until its current reaches
the value set by VCOMP. When the power
MOSFET is off, it remains off for at least 100ns
before the next cycle starts. If the current in the
power MOSFET does not reach the COMP set
current value within one PWM period, the
power MOSFET remains on to save a turn-off
operation.
Error Amplifier
The error amplifier compares VFB to the internal
reference
(VREF) and outputs a current
proportional to the difference between the two.
This output current charges the external
compensation network to form VCOMP, which
controls the power MOSFET current.
While operating, the VCOMP minimum is clamped
to 0.9V and its maximum is clamped to 2.0V.
COMP is internally pulled down to GND in
shutdown mode. COMP should not be pulled up
beyond 2.6V.
Internal Regulator
The 2.6V internal regulator powers most of the
internal circuits. This regulator takes VIN and
operates in the full VIN range. When VIN
exceeds 3.0V, the output of the regulator is in
full regulation. When VIN falls below 3.0V, the
output decreases.
Enable Control
The MPQ4462 has a dedicated enable-control
pin (EN). Enable uses logic-high to enable and
disable the chip. Its falling threshold is precisely
1.2V, and its rising threshold is 1.5V (300mV
higher).
When floating, EN is pulled up to about 3.0V by
an internal 1µA current source to remain
enabled. To pull-down requires a 1µA current.
When VEN is pulled down below 1.2V, the chip
enters its lowest shutdown current mode. When
VEN exceeds 0V but remains below its rising
threshold, the chip remains in shutdown mode
but the shutdown current increases slightly.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at insufficient supply voltages.
The UVLO rising threshold is about 3.0V while
its falling threshold is a consistent 2.6V.
Internal Soft-Start
The soft-start prevents the converter output
voltage from overshooting during startup. When
the chip starts, the internal circuitry generates a
soft-start voltage (VSS) that ramps up from 0V to
2.6V. When VSS<VREF, VSS becomes the
reference. When VSS>VREF, VREF resumes as
the reference.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the die temperature exceeds its upper
threshold, the chip shuts down. When the
temperature falls below its lower threshold, chip
function resumes.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection, with a
UVLO rising threshold of 2.2V with a falling
threshold of 150mV.
A dedicated, internal, bootstrap regulator
charges and regulates the bootstrap capacitor
~5V. When the voltage between the BST and
SW nodes falls below its regulation voltage, a
PMOS pass transistor connected from VIN to
BST turns on. The current-charging path is VIN
→
BST → SW. The external circuit should
provide enough voltage headroom to facilitate
charging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com