Electronic Components Datasheet Search
  English  ▼

X  

MPQ4462 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ4462
Description  3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4462 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ4462 Datasheet HTML 1Page - Monolithic Power Systems MPQ4462 Datasheet HTML 2Page - Monolithic Power Systems MPQ4462 Datasheet HTML 3Page - Monolithic Power Systems MPQ4462 Datasheet HTML 4Page - Monolithic Power Systems MPQ4462 Datasheet HTML 5Page - Monolithic Power Systems MPQ4462 Datasheet HTML 6Page - Monolithic Power Systems MPQ4462 Datasheet HTML 7Page - Monolithic Power Systems MPQ4462 Datasheet HTML 8Page - Monolithic Power Systems MPQ4462 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MPQ4462 – 3.5A, 4MHz, 36V, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4462 Rev. 1.11
www.MonolithicPower.com
4
7/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN
Pin #
SOIC8E
Pin #
Name
Description
1, 2
1
SW
Switch Node. Output of the high-side switch. Requires a low-forward-drop Schottky
diode to ground. Place the diode close to the SW pins to reduce switching spikes.
3
2
EN
Enable. Pull below the specified threshold to shut the chip down. Pull it up above the
specified threshold or leave it floating to enable the chip.
4
3
COMP
Compensation. Output of the error amplifier. Includes control-loop frequency
compensation.
5
4
FB
Feedback. Input to the error amplifier. The tap of a resistor divider between the
output and GND sets the output voltage to the internal +0.8V reference.
6
5
GND
Ground.
7
6
FREQ
Switching Frequency Set. Connect a resistor from this pin to ground to set the
switching frequency.
8, 9
7
VIN
Input Supply. Supplies power to all internal control circuitry. Requires a decoupling
capacitor to ground to minimize switching spikes.
10
8
BST
Bootstrap. Positive power supply to the internal, floating, high-side MOSFET driver.
Connect a bypass capacitor between this pin and SW.
Exposed
Pad
Ground Pad. Connect to GND plane for optimal thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com