Electronic Components Datasheet Search
  English  ▼

X  

MPQ4462 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MPQ4462
Description  3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4462 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MPQ4462 Datasheet HTML 7Page - Monolithic Power Systems MPQ4462 Datasheet HTML 8Page - Monolithic Power Systems MPQ4462 Datasheet HTML 9Page - Monolithic Power Systems MPQ4462 Datasheet HTML 10Page - Monolithic Power Systems MPQ4462 Datasheet HTML 11Page - Monolithic Power Systems MPQ4462 Datasheet HTML 12Page - Monolithic Power Systems MPQ4462 Datasheet HTML 13Page - Monolithic Power Systems MPQ4462 Datasheet HTML 14Page - Monolithic Power Systems MPQ4462 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MPQ4462 – 3.5A, 4MHz, 36V, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ4462 Rev. 1.11
www.MonolithicPower.com
11
7/17/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
If VIN is sufficiently higher than VSW, the
bootstrap capacitor charges. When the power
MOSFET is ON, VIN≈VSW so the bootstrap
capacitor cannot charge. When the external
diode is ON, the VIN−VSW is at its maximum for
optimal charging. When there is no current in
the inductor, VSW=VOUT so VIN−VOUT charges the
bootstrap capacitor.
At higher duty cycles, the bootstrap-charging
period is shorter so the bootstrap capacitor may
not charge sufficiently. If the internal circuit
does not have sufficient voltage and the
bootstrap capacitor is not charged, an external
circuit can ensure the bootstrap voltage is in the
normal operational region.
The floating driver’s DC quiescent current
~20µA. Select a bleeding current at the SW
node meets the following criterion:
A
20
)
2
R
1
R
(
V
I
O
O
μ
>
+
+
Current Comparator and Current Limit
A current-sense MOSFET accurately senses
the power-MOSFET current. The sense value is
compared to VCOMP by a high-speed current
comparator. When the power MOSFET turns on,
the comparator is first blanked till the end of the
turn-on transition. When the sensed current
exceeds VCOMP, the comparator output is low,
turning off the power MOSFET. The cycle-by-
cycle maximum current of the internal power
MOSFET is internally limited.
Startup and Shutdown
If both VIN and VEN exceed their respective
thresholds, the chip starts. The reference block
starts first, generating stable reference voltage
and currents, and then the internal regulator is
enabled. The regulator provides a stable supply
for the remaining circuits.
While the internal supply rail is up, an internal
timer holds the power MOSFET OFF for about
50µs to blank the startup noise. When the
internal soft-start block is enabled, it first holds
VSS low before slowly ramping up.
Three events can shut down the chip: VEN LOW,
VIN LOW, and thermal shutdown. For shutdown,
the power MOSFET turn off to avoid triggering
any faults. VCOMP and the internal supply rail are
then pulled down.
Programmable Oscillator
An external resistor (RFREQ) from the FREQ pin
to ground sets the MPQ4462 oscillating
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com