Electronic Components Datasheet Search
  English  ▼

X  

APU429 Datasheet(PDF) 9 Page - Aplus Intergrated Circuits

Part # APU429
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU429 Datasheet(HTML) 9 Page - Aplus Intergrated Circuits

Back Button APU429 Datasheet HTML 5Page - Aplus Intergrated Circuits APU429 Datasheet HTML 6Page - Aplus Intergrated Circuits APU429 Datasheet HTML 7Page - Aplus Intergrated Circuits APU429 Datasheet HTML 8Page - Aplus Intergrated Circuits APU429 Datasheet HTML 9Page - Aplus Intergrated Circuits APU429 Datasheet HTML 10Page - Aplus Intergrated Circuits APU429 Datasheet HTML 11Page - Aplus Intergrated Circuits APU429 Datasheet HTML 12Page - Aplus Intergrated Circuits APU429 Datasheet HTML 13Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
resolution but with a longer read-out rate (for example: 10 seconds per read-out), you can switch the measure
mode in order to set FIN (CX) as interval control (it will enable the counter from first FIN rising edge to the next
rising edge, then will generate an interrupt) and use FREQ (internal frequency generator output) as clock
input, hence you can count the interval of CX.
To measure the resistor value of the temperature and humidity sensor, we must first measure the frequency
of Rref, then the frequency of sensor.
Fref= K/Rref CX and
Fsensor= K/Rsensor CX, hence
Rsensor= Rref * Freq/Fsensor.
Where K is a coefficient for RC-oscillation and will be a constant in a short time period.
Keyboard scanning function
SEG11~26 shares the keyboard scanning output, the output of the keyboard scanning is a P open-drain to
VDDO (positive power supply) and all other SEGs and COMs are in Hi-z state during this period. This will
minimize the effect of the LCD output.
The segment 11-26 also could be used as keyscan output and LCD still could be displayed with only slightly
affected.
SPK 00b5 b4 b3 b2 b1 b0.
b5: 1 will disable key-scan output.
b4: 1 will set all keyscan output as high, if b5=0.
b3~b0: will set the corresponding segment output as 1, if b5=0 and b4=0.
During power on, LCD off, STOP condition. All the common & segment output will be the chips supply power.
EL-light
Set the ELC and ELP clock and duty cycle by ELC X instruction, then turn on and off the ELC and ELP output
by SF X and RF X instruction. With external transistor, diode, inductor and resistor, we can pump the Elpanel
to AC 100~250V.
LIT
ELP
ELC
R2
ELC
ELP
R1
Q1
Q2
EL-plane
D1
L1
While the light is turned on, the ELC will turn on before the ELP, but when the light is turned off, the ELP and
ELC will turn off after the next falling edge of the ELC to make sure no voltage is left on the EL- panel.
Preliminary
9
Ver. 0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com