Electronic Components Datasheet Search
  English  ▼

X  

APU429 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # APU429
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU429 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  APU429 Datasheet HTML 1Page - Aplus Intergrated Circuits APU429 Datasheet HTML 2Page - Aplus Intergrated Circuits APU429 Datasheet HTML 3Page - Aplus Intergrated Circuits APU429 Datasheet HTML 4Page - Aplus Intergrated Circuits APU429 Datasheet HTML 5Page - Aplus Intergrated Circuits APU429 Datasheet HTML 6Page - Aplus Intergrated Circuits APU429 Datasheet HTML 7Page - Aplus Intergrated Circuits APU429 Datasheet HTML 8Page - Aplus Intergrated Circuits APU429 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Pad Assignment
Chip size : 2620 x 2050 m
Pad size : 100 x 100 m
Pad window : 90 x 90 m
Pad pitch : min. 120 m
20
30
40
50
60
70
1
10
Note: The substrate of die must connect to GND.
Pad Coordinates
Pad No.
Pad Name
X
Y
Pad No.
Pad Name
X
Y
1
CFIN
1971.50
2544.50
36
SEG13/KO3
75.25
75.25
2
CFOUT
1785.25
2544.50
37
SEG14/KO4
225.25
75.25
3
XTIN
1665.25
2544.50
38
SEG15/KO5
345.25
75.25
4
XTOUT
1545.25
2544.50
39
SEG16/KO6
465.25
75.25
5
BAK
1425.25
2544.50
40
SEG17/KO7
585.25
75.25
6
TESTA
1305.25
2544.50
41
SEG18/KO8
705.25
75.25
7
RESET
1185.25
2544.50
42
SEG19/KO9
825.25
75.25
8
INT
1065.25
2544.50
43
SEG20/KO10
945.25
75.25
9
S1
945.25
2544.50
44
SEG21/KO11
1065.25
75.25
10
S2
825.25
2544.50
45
SEG22/KO12
1185.25
75.25
11
S3
705.25
2544.50
46
SEG23/KO13
1305.25
75.25
Preliminary
2
Ver. 0.0
APU429
APU429



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com