Electronic Components Datasheet Search
  English  ▼

X  

APU429 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # APU429
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU429 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  APU429 Datasheet HTML 1Page - Aplus Intergrated Circuits APU429 Datasheet HTML 2Page - Aplus Intergrated Circuits APU429 Datasheet HTML 3Page - Aplus Intergrated Circuits APU429 Datasheet HTML 4Page - Aplus Intergrated Circuits APU429 Datasheet HTML 5Page - Aplus Intergrated Circuits APU429 Datasheet HTML 6Page - Aplus Intergrated Circuits APU429 Datasheet HTML 7Page - Aplus Intergrated Circuits APU429 Datasheet HTML 8Page - Aplus Intergrated Circuits APU429 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
4-Bit Micro-controller With LCD Driver
Features
Low power and low voltage operation
Powerful instruction set (150 instructions)
Memory capacity
Instruction ROM capacity 4096 x 16 bits
Index ROM capacity 256 x 8 bits
Internal RAM capacity 384 or 256 x 4 bits
Input/Output ports of up to 20 pins
8-level subroutine nesting
Built-in LCD driver, 8 x 42 = 336 segments
Built-in EL driver, frequency or melody generator
Built-in Resistance-to-Frequency Converter
Built-in 2-channel 6/8-bit PWM output
Built-in key strobe function
(Shared with segment pin)
Built-in voltage doubler, halver, tripler
quadrupler charge pump circuit
Two 6-bit programmable timers with
programmable clock source
Watchdog timer
4 external & 3 internal interrupt resources
External: INT, RFC, IOA/IOC/S port,
keystrobe
Internal: TM1, TM2, Predivider
Dual clock operation
HALT and STOP function
General Description
The
APU429 is an embedded high performance
4-bit micro-computer with an on-chip LCD driver. It
contains all the necessary functions in a single chip:
4-bit parallel processing ALU, ROM, RAM, I/O ports,
timer, clock generator, dual clock, RFC, EL-light,
LCD driver, look-up table, watchdog timer and
keyboard scanning. The instruction set includes not
only 4-bit operation and manipulation instructions
but also various conditional branch instructions and
LCD driver data transfer instructions which are
powerful and easy to use.
The HALT function stops any internal operations
other than the oscillator, divider and LCD driver in
order to minimize the power dissipation.
The STOP function stops all the clocks in the chip.
Block Diagram
Preliminary
1
Ver. 0.0
LC D D river
CO M 1 8
S E G 1 S E G 2 6
VD D 1 4
S e gm e n tP L A
4-B it D ata B u s
SR A M
12 8 x 4
AL U
2x 6 B its
P reset T ime r
In stru ctio n
De co d e r
Co n tro l
Circu it
Ma sk R O M
40 9 6 x 1 6
8-Leve ls S tack
CUP 1
CUP 2
12 -B itP ro gram
Co u n te r
Ta b le R O M
25 6 x 8
F req ue ncy
Ge n e ra to r
Pre -D ivid e r
W a tchd og
Tim e r
O scilla to r
Inde x S R A M
25 6 x 4
CUP 3
S1 S 4
IO D P o rt
/P W M
S E G 2 7 30
IO C P o rt
/K E Y IN
S E G 3 9 42
IO B P o rt
/E L , B Z
S E G 3 1 34
IO A P o rt
/R F C
S E G 3 5 38


Similar Part No. - APU429

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU428 APLUS-APU428 Datasheet
322Kb / 18P
4-Bit Micro-controller With LCD Driver
More results

Similar Description - APU429

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU4003 APLUS-APU4003 Datasheet
596Kb / 9P
4-BIT MICRO-CONTROLLER WITH LCD DRIVER, 1K WORD
APU4006 APLUS-APU4006 Datasheet
509Kb / 8P
4-Bit Micro-Controller with LCD Driver, 1K Word
APU428 APLUS-APU428 Datasheet
322Kb / 18P
4-Bit Micro-controller With LCD Driver
logo
List of Unclassifed Man...
MTU429B ETC1-MTU429B Datasheet
173Kb / 20P
4-Bit Micro-Controller with LCD Dr
MTU410 ETC1-MTU410 Datasheet
71Kb / 10P
4-Bit Micro-Controller with LCD Driver, 1K Word
MTU420 ETC-MTU420 Datasheet
77Kb / 11P
4-Bit Micro-Controller with LCD Driver, 2K Word
logo
Megawin Technology Co.,...
MLC510PA MEGAWIN-MLC510PA Datasheet
181Kb / 1P
8-bit micro-controller with 160 dots LCD driver
MLC605A MEGAWIN-MLC605A Datasheet
23Kb / 2P
8-bit micro-controller with 260 dots LCD driver
MLC610A MEGAWIN-MLC610A Datasheet
25Kb / 2P
8-bit micro-controller with 320 dots LCD driver
MLC852A MEGAWIN-MLC852A Datasheet
35Kb / 2P
8-Bit micro-controller with 1120 dots LCD driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com