| Electronic Components Datasheet Search |
|
APU429 Datasheet(PDF) 10 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
APU429 Datasheet(HTML) 10 Page - Aplus Intergrated Circuits |
|
10 / 18 page ![]() Timer The 6-bit programmable timer can select PH3/PH9/PH15/FREQ (timer 2 can also select PH5/PH7/PH11/ PH13 by TM2X instruction) as the clock source. When it underflows, the HALT release signal is generated. Predivider The predivider is a 15-stage counter that uses PH0 as the clock source. The output of T-F/F is changed when the input signal is changed from H to L. PH11~15 are reset to L when PLC 100H instruction is executed, or power-on or external reset is used. When PH14 is changed from H to L, the HALT release signal is generated. Alarm/frequency/melody There is an 8-bit programmable counter and an 8-bit envelope control for alarm, frequency or melody output from BZ/BZB. The frequency counter can use software to select 1/2 duty, 1/3 duty or 1/4 duty drive mode. Freq. 1/2 Duty Frequency 1/3 Duty Frequency 1/4 Duty Frequency INT function The INT pin can be selected by mask option as pull-high/pull-low or none, and rising edge/falling edge trigger. Watchdog timer The watchdog timer automatically generates a device reset when it overflows. The interval of overflow is 8/64/512 x PH10 (set by mask option). You can use software to enable and disable this function. The watchdog enable flag will be disabled by power-on reset or reset-pin reset condition, but cannot be disabled by watchdog reset itself. HALT function The HALT instruction will disable all clocks except the predivider, timer, frequency counter, PWM, EL-light generator and chattering clock to minimize the operating current. STOP function The STOP instruction will disable all clocks to minimize the standby current, so only two external factors (INT, IOA/IOC/S port, keyscan) can release the STOP condition. Instruction Table (Total 150 instructions) Instruction Machine Code Function Flag/Remark NOP 0000 0000 0000 0000 No Operation LCT Lz, Ry 0000 001Z ZZZZ YYYY Lz { 7SEG Ry} LCB Lz, Ry 0000 010Z ZZZZ YYYY Lz { 7SEG Ry} LCP Lz, Ry 0000 011Z ZZZZ YYYY Lz Ry , AC LCD Lz, @HL 0000 100Z ZZZZ 0000 Lz T@HL LCT Lz, @HL 0000 100Z ZZZZ Z-01 Lz {7SEG @HL Preliminary 10 Ver. 0.0 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |