Electronic Components Datasheet Search
  English  ▼

X  

APU429 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # APU429
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU429 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button APU429 Datasheet HTML 2Page - Aplus Intergrated Circuits APU429 Datasheet HTML 3Page - Aplus Intergrated Circuits APU429 Datasheet HTML 4Page - Aplus Intergrated Circuits APU429 Datasheet HTML 5Page - Aplus Intergrated Circuits APU429 Datasheet HTML 6Page - Aplus Intergrated Circuits APU429 Datasheet HTML 7Page - Aplus Intergrated Circuits APU429 Datasheet HTML 8Page - Aplus Intergrated Circuits APU429 Datasheet HTML 9Page - Aplus Intergrated Circuits APU429 Datasheet HTML 10Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical Characteristics
Input resistance
Name
Symbol
Condition
Min.
Typ.
Max.
Unit
RIIH1
VI=0.2VDD1, #1
10
40
100
k
RIIH2
VI=0.2VDD2, #2
10
40
100
k
L -Level Hold tR (IOC)
RIIH3
VI=0.2VDD2, #3
5
20
50
k
RMSD1
VI=VDD1, #1
200
500
1000
k
RMSD2
VI=VDD2, #2
200
500
1000
k
IOC/IOA Pull-Down tR
RMSD3
VI=VDD3, #3
100
250
500
k
RINTU1
VI=VDD1, #1
200
500
1000
k
RINTU2
VI=VDD2, #2
200
500
1000
k
INT Pull-Up tR
RINTU3
VI=VDD3, #3
100
250
500
k
RINTD1
VI=GND, #1
200
500
1000
k
RINTD2
VI=GND, #2
200
500
1000
k
INT Pull-Down tR
RINTD3
VI=GND, #3
100
250
500
k
RRES1
VI=GND or VDD1, #1
5
20
50
k
RRES2
VI=GND or VDD2, #2
5
20
50
k
RES Pull-Down tR
RRES3
VI=GND or VDD2, #3
5
20
50
k
Note: #1: VDD1= 1.2V ( Ag ), #2: VDD2= 2.4V ( Li ), #3: VDD2= 4V (Ext-V).
DC output characteristics
Name
Symbol
Condition
For
Min.
Typ.
Max.
Unit
VOH1a
IOH=-10 A, #1
0.8
0.9
1.0
V
VOH2 a
IOH=-50 A, #2
1.5
1.8
2.1
V
Output H Voltage
VOH3 a
IOH=-200 A, #3
2.5
3
3.5
V
VOL1 a
IOL=20 A, #1
0.2
0.3
0.4
V
VOL2 a
IOL=100 A, #2
0.3
0.6
0.9
V
Output L Voltage
VOL3 a
IOL=400 A, #3
SEG1~26
0.5
1
1.5
V
VOH1c
IOH=-200 A, #1
0.8
0.9
1.0
V
VOH2c
IOH=-1mA, #2
1.5
1.8
2.1
V
Output H Voltage
VOH3c
IOH=-3mA, #3
2.5
3
3.5
V
VOL1c
IOL=400 A, #1
0.2
0.3
0.4
V
VOL2c
IOL=2mA, #2
0.3
0.6
0.9
V
Output L Voltage
VOL3C
IOL=6mA, #3
SEG27~42
IOA, B, C, D
0.5
1
1.5
V
Note: #1: VDD1= 1.2V ( Ag ), #2: VDD2= 2.4V ( Li ), #3: VDD2= 4V (Ext-V).
Preliminary
6
Ver. 0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com