| Electronic Components Datasheet Search |
|
APU429 Datasheet(PDF) 4 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
APU429 Datasheet(HTML) 4 Page - Aplus Intergrated Circuits |
|
4 / 18 page ![]() Pad Name I/O Description XTIN XTOUT I O Time based counter frequency (Clock specified. LCD alternating frequency. Alarm signal frequency.) or system clock oscillation. 32KHz crystal oscillator. Oscillation stops at the execution of STOP instruction. CFIN CFOUT I O System clock oscillation. Connected with ceramic resonator. Connected with RC oscillation circuit. Oscillation stops at the execution of STOP or SLOW instruction. COM1~8 O Output pins for supplying voltage to drive the common pins of the LCD panel. SEG1~10 O Output pins for LCD panel segment. SEG11~26/KO1~16 O Output pins for LCD panel segment. Key strobe function, share pins as key scan output. SEG27~42 O Output pins for LCD panel segment. IOA1~4 I/O Input/Output port A, can use software to define the internal pull-low resistor and chattering clock in order to reduce input bounce and generate an interrupt. This port shares pins with SEG35~38 and is set by mask option. This port also shares pins with CC, RR, RT and RH, and is set by mask option. IOB1~4 I/O Input/Output port B. IOB port shares pins with SEG31~34, and is set by mask option. This port also shares pins with ELC, ELP, BZB and BZ, and is set by mask option. IOC1~4 I/O Input/Output port C, can use software to define internal pull-low/low-level hold resistor and chattering clock in order to reduce input bounce and generate an interrupt or keyboard scanning function with ELC, ELP, BZB and BZ, and is set by mask option. IOD1~4 I/O Input/Output port D. This port shares pins with SEG27~30 and is set by mask option. IOD3, 4 shares pins with PWM1, 2 and is set by mask option. S1~4 I Input ports by mask option to internal pull-low/low-level hold resistor and chattering clock in order to reduce input bounce and generate an interrupt or HALT or STOP release. KI1~4 I Key scan input, this port shares pins with IOC1~4 and is set by mask option. CC RFC RR RT RH I O O O 1 input pin and 3 output pins for RFC application. This port shares pins with SEG35~38 and is set by mask option. This port shares pins with IOA1~4 and is set by mask option. EL ELC ELP O O Output port for EL-light. This port shares pins with SEG31, 32 and is set by mask option. This port shares pins with IOB1, 2 and is set by mask option. ALM BZB BZ O Output port for alarm, frequency or melody generator. This port shares pins with IOB3, 4 and is set by mask option. PWM1, 2 O 6/8-Bit PWM output; set by mask option. GND Negative supply voltage. Preliminary 4 Ver. 0.0 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |