Electronic Components Datasheet Search
  English  ▼

X  

APU429 Datasheet(PDF) 18 Page - Aplus Intergrated Circuits

Part # APU429
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU429 Datasheet(HTML) 18 Page - Aplus Intergrated Circuits

Back Button APU429 Datasheet HTML 10Page - Aplus Intergrated Circuits APU429 Datasheet HTML 11Page - Aplus Intergrated Circuits APU429 Datasheet HTML 12Page - Aplus Intergrated Circuits APU429 Datasheet HTML 13Page - Aplus Intergrated Circuits APU429 Datasheet HTML 14Page - Aplus Intergrated Circuits APU429 Datasheet HTML 15Page - Aplus Intergrated Circuits APU429 Datasheet HTML 16Page - Aplus Intergrated Circuits APU429 Datasheet HTML 17Page - Aplus Intergrated Circuits APU429 Datasheet HTML 18Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
B. Ag and Li battery mode applications:
After Power on, Reset or release from STOP mode. Need to wait 2 seconds long, then can set BCF to
Low .
C. Larger current load and fast clock:
a. BCF should be set to High for the case of fast clock or larger current load (such as RFC, ADC,
DAC, EL-light and Buzzer output) use.
b. After set BCF to high , need wait 2 ms long at least, then can enable larger current load. Or after
disable Larger current load, need wait 2ms long at least, then can set BCF to Low
D. Li battery mode applications:
Especially for Li battery mode, BCF switching will cause a temporary current surge (or power noise) on
BAK. Furthermore if not necessary, don’t switch BCF too often as possible.
E. Improperly use of BCF will cause malfunction to chips.
F. Lower current consumption and reliability:
The chip’s reliability will greatly decrease if invalid use BCF, especially for Li-battery mode. Because
the chip’s internal power also switches between VDD1 and VDD2, which also cause a temporary power
noise.
Input pin
Any input pins floating will cause chips in malfunction and large current consumption.
32.768kHz X tal oscillator
Always layout the X tal as close the Chips as possible and don t place any signals across the layout routing.
Since X tal oscillation circuit consumes current only 0.5 A to 1 A, any power noise will disturb the oscillation.
The proper external capacitors for XIN and XOUT are necessary for the accuracy and stability of oscillation.
1 / (Cin+Cpcb) + 1 / (Cout+Cpcb ) = 1/CL
The Chip s XOUT pin has an internal capacitor around 10~20pF connected to BAK (chip s internal
Node).
For example:
Epson s C-001R 20ppm, CL=12.5pF
CIN = 25pF
COUT = 15pF
The time accuracy will be around 0.5 second/day
Note: The parasitic capacitors of X tal pins in PCB layout need be considered in above calculation.
RFC/Event counter/IOA for
APU429
If anyone uses RFC / Event counter function and IOAs in the same application, make sure the pin IOA1
(which is corresponding to CX by mask option) must set as IOA s output mode by SPA instruction. Or the
signal changes on CX pin may cause HALT release or interrupt for IOA s port. In this case the program
couldn’t function properly.
Preliminary
18
Ver. 0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com