Electronic Components Datasheet Search
  English  ▼

X  

APU429 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # APU429
Description  4-Bit Micro-controller With LCD Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APU429 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  APU429 Datasheet HTML 1Page - Aplus Intergrated Circuits APU429 Datasheet HTML 2Page - Aplus Intergrated Circuits APU429 Datasheet HTML 3Page - Aplus Intergrated Circuits APU429 Datasheet HTML 4Page - Aplus Intergrated Circuits APU429 Datasheet HTML 5Page - Aplus Intergrated Circuits APU429 Datasheet HTML 6Page - Aplus Intergrated Circuits APU429 Datasheet HTML 7Page - Aplus Intergrated Circuits APU429 Datasheet HTML 8Page - Aplus Intergrated Circuits APU429 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pad No.
Pad Name
X
Y
Pad No.
Pad Name
X
Y
12
S4
585.25
2544.50
47
SEG24/KO14
1425.25
75.25
13
VDD1
465.25
2544.50
48
SEG25/KO15
1545.25
75.25
14
VDD2
345.25
2544.50
49
SEG26/KO16
1665.25
75.25
15
VDD3
225.25
2544.50
50
SEG27/IOD1
1785.25
75.25
16
VDD4
75.25
2544.50
51
SEG28/IOD2
1971.50
75.25
17
CUP1
75.25
2394.50
52
SEH29/IOD3/PWM1 1971.50
225.25
18
CUP2
75.25
2274.50
53
SEH30/IOD4/PWM2 1971.50
345.25
19
CUP3
75.25
2154.50
54
SEG31/IOB1/ELC
1971.50
465.25
20
COM1
75.25
2034.50
55
SEG32/IOB2/ELP
1971.50
585.25
21
COM2
75.25
1914.50
56
SEG33/IOB3/BZB
1971.50
705.25
22
COM3
75.25
1785.25
57
SEG34/IOB4/BZ
1971.50
825.25
23
COM4
75.25
1665.25
58
SEG35/IOA1/CX
1971.50
945.25
24
SEG1
75.25
1545.25
59
SEG36/IOA2/RR
1971.50
1065.25
25
SEG2
75.25
1425.25
60
SEG37/IOA3/RT
1971.50
1185.25
26
SEG3
75.25
1305.25
61
SEG38/IOA4/RH
1971.50
1305.25
27
SEG4
75.25
1185.25
62
SEG39/IOC1/KI1
1971.50
1425.25
28
SEG5
75.25
1065.25
63
SEG40/IOC2/KI2
1971.50
1545.25
29
SEG6
75.25
945.25
64
SEG41/IOC3/KI3
1971.50
1665.25
30
SEG7
75.25
825.25
65
SEG42/IOC4/KI4
1971.50
1785.25
31
SEG8
75.25
705.25
66
COM5
1971.50
1905.25
32
SEG9
75.25
585.25
67
COM6
1971.50
2034.50
33
SEG10
75.25
465.25
68
COM7
1971.50
2154.50
34
SEG11/KO1
75.25
345.25
69
COM8
1971.50
2274.50
35
SEG12/KO2
75.25
225.25
70
GND
1971.50
2394.50
Chip size : 2620 x 2050 m
Pad Descriptions
Pad Name
I/O
Description
BAK
Positive back-up voltage.
In Li mode, connects a 0.1 capacitance to GND.
VDD1
VDD2
VDD3
VDD4
LCD drive voltage and positive supply voltage.
While in Ag mode, connects +1.5V to VDD1.
While in Li/ExtV mode, connects +3.0V to VDD2.
RESET
I
Input pin for LSI reset signal.
With Internal pull-down resistor.
INT
I
Input pin for external INT request signal.
Falling edge or rising edge triggered by mask option.
Internal pull-down or pull-up resistor or floatting to be selected by mask option.
TESTA I Test signal input pin, internal pull-down resistor.
TESTA
I
Test signal input pin.
CUP1
CUP2
CUP3
O
Switching pins for supplying the LCD driving voltage to the VDD1, 2, 3, 4 pins.
Connects the CUP1, CUP2 and CUP3 pins with a nonpolarized electronic
capacitor if 1/2, 1/3 or 1/4 bias mode has been selected. In the STATIC mode,
these pins should be open.
Preliminary
3
Ver. 0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com