Electronic Components Datasheet Search
  English  ▼

X  

TPS61301 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TPS61301 Datasheet HTML 45Page - Texas Instruments TPS61301 Datasheet HTML 46Page - Texas Instruments TPS61301 Datasheet HTML 47Page - Texas Instruments TPS61301 Datasheet HTML 48Page - Texas Instruments TPS61301 Datasheet HTML 49Page - Texas Instruments TPS61301 Datasheet HTML 50Page - Texas Instruments TPS61301 Datasheet HTML 51Page - Texas Instruments TPS61301 Datasheet HTML 52Page - Texas Instruments TPS61301 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
OutputVoltage, VOUT
PowerGood, PG
VBAT
LEDFlashCurrent, IFLASH
OV[3:0]
0000
0001
0010
0011
0100
0101
~200 ms
FeedbackSenseComparatorOutput
VLED > 400 mV
Self-Calibration,
SELFCAL bit (write)
Self-Calibration,
SELFCAL bit (read)
ESRxILED
~200 ms
FeedbackSense
ComparatorInformation
X
TPS61300
TPS61301
TPS61305, TPS61305A
www.ti.com
SLVS957D – JUNE 2009 – REVISED OCTOBER 2012
STORAGE CAPACITOR, PRE-CHARGE VOLTAGE CALIBRATION
High-power LEDs tend to exhibit a wide forward voltage distribution. The TPS6130x device integrates a self-
calibration procedure that can be used to determine the optimum super-capacitor pre-charge voltage based on
the actual worst case LED forward voltage and ESR of the storage capacitor. This calibration procedure is meant
to start-off at a min. output voltage and can be initiated by setting the SELFCAL bit (preferably with
MODE_CTRL[1:0] = 00, ENVM = 0, ENDCL = 0).
The calibration procedure monitors the sense voltage across the low-side current regulators (according to
ENLED[3:1] bits setting) and registers the worst case LED (i.e. the LED featuring the largest forward voltage).
The TPS6130x device automatically sweeps through its output voltage range and performs a short duration flash
strobe for each step (refer to FC13[1:0] and FC2[2:0] bits settings).
In direct drive mode (HC_SEL = L), the energy is being directly transferred from the battery to the LEDs. In high-
current mode (HC_SEL = H), the energy is supplied exclusively by the output reservoir capacitor and the
inductive power stage is turned-off for the flash strobe period of time.
The sequence is stopped as soon as the device detects that each of the low-side current regulators have enough
headroom voltage (i.e. 400mV typ.). The device returns the according output voltage in the register OV[3:0] and
sets the SELFCAL bit. This bit is only being reset at the (re-)start of a calibration cycle. In other words, when
SELFCAL is asserted the output voltage register (OV[3:0]) returns the result of the last calibration sequence.
Figure 74. LED Forward Voltage Self-Calibration Principle
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: TPS61300 TPS61301 TPS61305 TPS61305A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com