Electronic Components Datasheet Search
  English  ▼

X  

TPS61301 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS61301 Datasheet HTML 17Page - Texas Instruments TPS61301 Datasheet HTML 18Page - Texas Instruments TPS61301 Datasheet HTML 19Page - Texas Instruments TPS61301 Datasheet HTML 20Page - Texas Instruments TPS61301 Datasheet HTML 21Page - Texas Instruments TPS61301 Datasheet HTML 22Page - Texas Instruments TPS61301 Datasheet HTML 23Page - Texas Instruments TPS61301 Datasheet HTML 24Page - Texas Instruments TPS61301 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
0
100
200
300
400
500
600
700
800
900
400 500 600 700 800 900 1000 1100 1200 1300 1400
LED2PinHeadroomVoltage-mV
ILED2=800mA
ILED2=700mA
ILED2=550mA
ILED2=300mA
ILED2=450mA
ILED2=350mA
TPS61300
I
=1750mA,
HC_SEL =Low
LIM
0
250
500
750
1000
1250
1500
1750
2000
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V -InputVoltage-V
I
I
=1750mA,
HC_SEL =Tx-MASK=Low
LIM
ILED1=
50mA
ILED2=550mA
ILED3=2
ILED1=
50mA
ILED2=600mA
ILED3=3
ILED1=
50mA
ILED2=450mA
ILED3=2
TPS61300
ILED1=
50mA
ILED2=275mA
ILED3=2
0
10
20
30
40
50
60
70
80
90
100
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V -InputVoltage-V
I
TPS61300
ILED1=
50mA
ILED2=100mA
ILED3=
I
=1750mA,
HC_SEL =Tx-MASK=Low
LIM
ILED1=
0mA
ILED2=200mA
ILED3=10
ILED1=
5mA
ILED2=150mA
ILED3=7
ILED1=
50mA
ILED2=550mA
ILED3=2
ILED1=
50mA
ILED2=600mA
ILED3=3
ILED1=
50mA
ILED2=450mA
ILED3=2
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
V -InputVoltage-V
I
0
10
20
30
40
50
60
70
80
90
100
ILED2=75mA
ILED2=100mA
ILED2=150mA
ILED2=200mA
ILED2=250mA
TPS61300
I
=1750mA,
HC_SEL =Tx-MASK=Low
LED2ChannelOnly
LIM
TPS61300
TPS61301
TPS61305, TPS61305A
www.ti.com
SLVS957D – JUNE 2009 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS (continued)
Figure 8. LED Power Efficiency
Figure 9. LED Power Efficiency
vs.
vs.
Input Voltage
Input Voltage
Figure 10. DC Input Current
Figure 11. LED2 Current
vs.
vs.
Input Voltage
LED2 Pin Headroom Voltage (HC_SEL=0)
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS61300 TPS61301 TPS61305 TPS61305A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com