Electronic Components Datasheet Search
  English  ▼

X  

TPS61301 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS61301 Datasheet HTML 15Page - Texas Instruments TPS61301 Datasheet HTML 16Page - Texas Instruments TPS61301 Datasheet HTML 17Page - Texas Instruments TPS61301 Datasheet HTML 18Page - Texas Instruments TPS61301 Datasheet HTML 19Page - Texas Instruments TPS61301 Datasheet HTML 20Page - Texas Instruments TPS61301 Datasheet HTML 21Page - Texas Instruments TPS61301 Datasheet HTML 22Page - Texas Instruments TPS61301 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
VOUT
AVIN
SW
CI
SW
LED1
PGND
PGND
AGND
L
2.2 mH
SDA
SCL
I
2CI/F
TPS61305
LED2
LED3
D1
D2
2.5 V..5.5 V
FLASH_SYNC
TS
HC_SEL
GPIO/PG
INDLED
Privacy
Indicator
BAL
NTC
Tx-MASK
NRESET
CO
10 mF
VOUT
AVIN
SW
CI
SW
LED1
CO
10 mF
PGND
PGND
AGND
L
2.2 mH
SDA
SCL
I2CI/F
TPS61300
LED2
LED3
D1
D2
2.5 V..5.5 V
ENDCL
FLASH_SYNC
Tx-MASK
HC_SEL
GPIO/PG
ENVM
INDLED
Privacy
Indicator
BAL
TPS61300
TPS61301
TPS61305, TPS61305A
www.ti.com
SLVS957D – JUNE 2009 – REVISED OCTOBER 2012
PARAMETER MEASUREMENT INFORMATION
List of Components:
L = 2.2
μH, Wuerth Elektronik WE-TPC Series
CI, CO = 10μF 6.3V X5R 0603 – TDK C1605X5R0J106MT
Storage Capacitor = TDK EDLC262020-500mF
NTC = 220k
Ω, muRata NCP18WM224J03RB
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TPS61300 TPS61301 TPS61305 TPS61305A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com