Electronic Components Datasheet Search
  English  ▼

X  

TPS61301 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS61301 Datasheet HTML 28Page - Texas Instruments TPS61301 Datasheet HTML 29Page - Texas Instruments TPS61301 Datasheet HTML 30Page - Texas Instruments TPS61301 Datasheet HTML 31Page - Texas Instruments TPS61301 Datasheet HTML 32Page - Texas Instruments TPS61301 Datasheet HTML 33Page - Texas Instruments TPS61301 Datasheet HTML 34Page - Texas Instruments TPS61301 Datasheet HTML 35Page - Texas Instruments TPS61301 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
T =55°C
J
TPS61305
(NRESET=1)
LEDV CalibratedCircuit,
ca.500mVLEDPinHeadroomPin(e/oStrobe)
F
DCLight=2sFlashStrobe=35ms
I
+I
(1 A/div)
LED1
LED3
ENPSMbit=1,
Tx-MASKbit=0,
ILIMbit=1
I
(1 A/div)
LED2
DCLC2[2:0]=011
FC2[2:0]=111
V
=3.6V,V
=4.7V, AllLEDChannels Active
IN
OUT
Tx-MASK
(10mV/div--0.55VOffset)
T =25°C
J
DCLC13[1:0]=01
FC13[1:0]=11
t-Time=500ms/div
PG
(2V/div)
TPS61305
(NRESET=1)
LEDV CalibratedCircuit,
ca.500mVLEDPinHeadroomPin(e/oStrobe)
F
V
(500mV/div-4.95VOffset)
OUT
I
+I
(1 A/div)
LED1
LED3
Tx-MASKInput=1
ENPSMbit=1,
Tx-MASKbit=0,
ILIMbit=1
I
(1 A/div)
LED2
DCLC13[1:0]=00DCLC2[2:0]=000
FC13[1:0]=11FC2[2:0]=111
V
=3.6V,V
=4.95V, AllLEDChannels Active
IN
OUT
t-Time=50ms/div
PG
(2V/div)
TPS61305
(NRESET=1)
LEDV CalibratedCircuit,
ca.500mVLEDPinHeadroomPin(e/oStrobe)
F
V
(200mV/div
-4.7VOffset)
OUT
I
+I
(1 A/div)
LED1
LED3
Tx-MASKInput=1
Tx-MASKbit=0,
ILIMbit=1
ENPSMbit=1,
I
(1 A/div)
LED2
DCLC13[1:0]=00
FC13[1:0]=11
DCLC2[2:0]=000
FC2[2:0]=111
V
=3.6V,V
=4.7V, AllLEDChannels Active
IN
OUT
t-Time=10ms/div
TPS61305
(NRESET=1)
V
(500mV/div-4.95VOffset)
OUT
ENPSMbit=1,
Tx-MASKbit=0,
ILIMbit=0
I
(1 A/div)
LED2
DCLC2[2:0]=000
FC2[2:0]=111
V
=3.6V,V
=4.95V,LED2ChannelOnly
IN
OUT
FLASHSYNC
(2V/div)
I
(500mA/div)
L
Tx-MASKInput=1
t-Time=20ms/div
TPS61300
TPS61301
TPS61305, TPS61305A
SLVS957D – JUNE 2009 – REVISED OCTOBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 52. FLASH SEQUENCE (HC_SEL=1)
Figure 53. FLASH SEQUENCE (HC_SEL=1)
Figure 54. FLASH SEQUENCE (HC_SEL=1)
Figure 55. JUNCTION TEMPERATURE MONITORING
(HC_SEL=1)
32
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Links: TPS61300 TPS61301 TPS61305 TPS61305A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com