Electronic Components Datasheet Search
  English  ▼

X  

TPS61301 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61301 Datasheet HTML 5Page - Texas Instruments TPS61301 Datasheet HTML 6Page - Texas Instruments TPS61301 Datasheet HTML 7Page - Texas Instruments TPS61301 Datasheet HTML 8Page - Texas Instruments TPS61301 Datasheet HTML 9Page - Texas Instruments TPS61301 Datasheet HTML 10Page - Texas Instruments TPS61301 Datasheet HTML 11Page - Texas Instruments TPS61301 Datasheet HTML 12Page - Texas Instruments TPS61301 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
E4
E3
E2
E1
D4
D3
D2
D1
C4
C3
C2
C1
B4
B3
B2
B1
A4
A3
A2
A1
A4
A3
A2
A1
B4
B3
B2
B1
C4
C3
C2
C1
D4
D3
D2
D1
E4
E3
E2
E1
CSP-20
(TOP VIEW)
CSP-20
(BOTTOMVIEW)
VOUT
AVIN
SW
C I
SW
LED1
PGND
PGND
AGND
L
2.2 mH
SDA
SCL
High-Speed
I2CI/F
TPS61305
LED2
LED3
D1
D2
2.5 V..5.5 V
FLASH_SYNC
TS
HC _SEL
GPIO /PG
INDLED
Privacy
Indicator
BAL
NTC
Tx -MASK
ENDCL
C O
10 mF
VOUT
AVIN
SW
C I
SW
LED1
PGND
PGND
AGND
L
2.2 mH
SDA
SCL
High
- Speed
I2CI/F
TPS61301
LED2
LED3
D1
D2
2.5 V..5.5 V
NRESET
FLASH_SYNC
Tx-MASK
HC_SEL
GPIO/PG
ENVM
INDLED
Privacy
Indicator
BAL
CO
10mF
VOUT
AVIN
SW
CI
SW
LED1
PGND
PGND
AGND
L
2.2 mH
SDA
SCL
High-Speed
I
2CI/F
TPS61305
LED2
LED3
D1
D2
2.5 V..5.5 V
FLASH_SYNC
TS
HC_SEL
GPIO/PG
INDLED
Privacy
Indicator
BAL
NTC
Tx-MASK
NRESET
CO
10 mF
VOUT
AVIN
SW
CI
SW
LED1
C O
10 mF
PGND
PGND
AGND
L
2.2 mH
SDA
SCL
TPS61300
LED2
LED3
D1
D2
2.5 V.. 5.5 V
ENDCL
FLASH_SYNC
Tx- MASK
GPIO/PG
ENVM
INDLED
Privacy
Indicator
CAMERA ENGINE
I2CI/F
HC_SEL
BAL
PHONEPOWERON
TPS61300
TPS61301
TPS61305, TPS61305A
www.ti.com
SLVS957D – JUNE 2009 – REVISED OCTOBER 2012
DEVICE INFORMATION
APPLICATION DIAGRAMS
Figure 4. TPS61300, Typical Application
Figure 5. : TPS61305, Typical Application
Figure 6. TPS61301, Typical Application
Figure 7. TPS61306, Typical Application
PIN ASSIGNMENTS
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS61300 TPS61301 TPS61305 TPS61305A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com