Electronic Components Datasheet Search
  English  ▼

X  

TPS61301 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TPS61301 Datasheet HTML 60Page - Texas Instruments TPS61301 Datasheet HTML 61Page - Texas Instruments TPS61301 Datasheet HTML 62Page - Texas Instruments TPS61301 Datasheet HTML 63Page - Texas Instruments TPS61301 Datasheet HTML 64Page - Texas Instruments TPS61301 Datasheet HTML 65Page - Texas Instruments TPS61301 Datasheet HTML 66Page - Texas Instruments TPS61301 Datasheet HTML 67Page - Texas Instruments TPS61301 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
OUT
OUT
IN
IN
L(PEAK)
OUT
I
V
V
V
D
I
=
+
with D =
2
f
L
(1 D )
V
-
´
´
´
-
´ h
OUT
L
OUT
IN
V
I
I
η
V
»
´
´
TPS61300
TPS61301
TPS61305, TPS61305A
SLVS957D – JUNE 2009 – REVISED OCTOBER 2012
www.ti.com
APPLICATION INFORMATION
INDUCTOR SELECTION
A boost converter requires two main passive components for storing energy during the conversion. A boost
inductor and a storage capacitor at the output are required. The TPS6130x device integrates a current limit
protection circuitry. The valley current of the PMOS rectifier is sensed to limit the maximum current flowing
through
the
synchronous
rectifier
and
the
inductor.
The
valley
peak
current
limit
(250mA/500mA/1250mA/1750mA) is user selectable via the I2C interface.
In order to optimize solution size the TPS6130x device has been designed to operate with inductance values
between a minimum of 1.3
μH and maximum of 2.9 μH. In typical high current white LED applications a 2.2μH
inductance is recommended.
The highest peak current through the inductor and the power switch depends on the output load, the input and
output voltages. Estimation of the maximum average inductor current and the maximum inductor peak current
can be done using Equation 2 and Equation 3:
(2)
(3)
With
f = switching frequency (2MHz)
L = inductance value (2.2
μH)
η = estimated efficiency (85%)
The losses in the inductor caused by magnetic hysteresis losses and copper losses are a major parameter for
total circuit efficiency.
Table 4. List of Inductors
MANUFACTURER
SERIES
DIMENSIONS
ILIM SETTINGS
MIPST2520
2.5mm x 2.0mm x 0.8mm max. height
FDK
MIP2520
2.5mm x 2.0mm x 1.0mm max. height
250mA (typ.)
MIPSA2520
2.5mm x 2.0mm x 1.2mm max. height
500mA (typ.)
LQM2HP-G0
2.5mm x 2.0mm x 1.0mm max. height
MURATA
LQM2HP-GC
2.5mm x 2.0mm x 1.0mm max. height
TDK
VLF3014AT
2.6mm x 2.8mm x 1.4mm max. height
COILCRAFT
LPS3015
3.0mm x 3.0mm x 1.5mm max. height
1250mA (typ.)
MURATA
LQH2HPN
2.5mm x 2.0mm x 1.2mm max. height
TOKO
FDSE0312
3.0mm x 3.0mm x 1.2mm max. height
1750mA (typ.)
MURATA
LQM32PN
3.2mm x 2.5mm x 1.2mm max. height
INPUT CAPACITOR
For good input voltage filtering low ESR ceramic capacitors are recommended. A 10-
μF input capacitor is
recommended to improve transient behavior of the regulator and EMI behavior of the total power supply circuit.
The input capacitor should be placed as close as possible to the input pin of the converter.
64
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Links: TPS61300 TPS61301 TPS61305 TPS61305A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com