Electronic Components Datasheet Search
  English  ▼

X  

TPS61301 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61301 Datasheet HTML 2Page - Texas Instruments TPS61301 Datasheet HTML 3Page - Texas Instruments TPS61301 Datasheet HTML 4Page - Texas Instruments TPS61301 Datasheet HTML 5Page - Texas Instruments TPS61301 Datasheet HTML 6Page - Texas Instruments TPS61301 Datasheet HTML 7Page - Texas Instruments TPS61301 Datasheet HTML 8Page - Texas Instruments TPS61301 Datasheet HTML 9Page - Texas Instruments TPS61301 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 77 page
background image
TPS61300
TPS61301
TPS61305, TPS61305A
SLVS957D – JUNE 2009 – REVISED OCTOBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted the specification applies for VIN = 3.6V over an operating junction temp. –40°C ≤ TJ ≤ 125°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are for TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMING
tNRESET
Reset pulse width
10
μs
From shutdown into DC light mode
1.4
ms
HC_SEL = 0, ILED = 100mA
Start-up time
From shutdown into voltage mode via ENVM
550
μs
HC_SEL = 0, IOUT = 0mA
MODE_CTRL[1:0] = 10, HC_SEL = 0
400
μs
ILED2 = from 0mA to 800mA
LED current settling time(1) triggered
by a rising edge on FLASH_SYNC
MODE_CTRL[1:0] = 10, HC_SEL = 1
16
μs
ILED2 = from 0mA to 1800mA
LED current settling time(1) triggered
MODE_CTRL[1:0] = 10, HC_SEL = 0
15
μs
by Tx-MASK
ILED2 = from 800mA to 350mA
(1)
Settling time to ±15% of the target value.
I
2C INTERFACE TIMING CHARACTERISTICS(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
100
kHz
Fast mode
400
kHz
High-speed mode (write operation), CB – 100 pF max
3.4
MHz
f(SCL)
SCL Clock Frequency
High-speed mode (read operation), CB – 100 pF max
3.4
MHz
High-speed mode (write operation), CB – 400 pF max
1.7
MHz
High-speed mode (read operation), CB – 400 pF max
1.7
MHz
Standard mode
4.7
μs
Bus Free Time Between a STOP and
tBUF
START Condition
Fast mode
1.3
μs
Standard mode
4
μs
Hold Time (Repeated) START
tHD, tSTA
Fast mode
600
ns
Condition
High-speed mode
160
ns
Standard mode
4.7
μs
Fast mode
1.3
μs
tLOW
LOW Period of the SCL Clock
High-speed mode, CB – 100 pF max
160
ns
High-speed mode, CB – 400 pF max
320
ns
Standard mode
4
μs
Fast mode
600
ns
tHIGH
HIGH Period of the SCL Clock
High-speed mode, CB – 100 pF max
60
ns
High-speed mode, CB – 400 pF max
120
ns
Standard mode
4.7
μs
Setup Time for a Repeated START
tSU, tSTA
Fast mode
600
ns
Condition
High-speed mode
160
ns
Standard mode
250
ns
tSU, tDAT Data Setup Time
Fast mode
100
ns
High-speed mode
10
ns
Standard mode
0
3.45
μs
Fast mode
0
0.9
μs
tHD, tDAT Data Hold Time
High-speed mode, CB – 100 pF max
0
70
ns
High-speed mode, CB – 400 pF max
0
150
ns
(1)
Specified by design. Not tested in production.
6
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Links: TPS61300 TPS61301 TPS61305 TPS61305A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com