Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 65 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 65 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 61Page - Altera Corporation EP2C8A Datasheet HTML 62Page - Altera Corporation EP2C8A Datasheet HTML 63Page - Altera Corporation EP2C8A Datasheet HTML 64Page - Altera Corporation EP2C8A Datasheet HTML 65Page - Altera Corporation EP2C8A Datasheet HTML 66Page - Altera Corporation EP2C8A Datasheet HTML 67Page - Altera Corporation EP2C8A Datasheet HTML 68Page - Altera Corporation EP2C8A Datasheet HTML 69Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 168 page
background image
Altera Corporation
2–53
February 2007
Cyclone II Device Handbook, Volume 1
Cyclone II Architecture
f
For more information on Cyclone II supported I/O standards, see the
Selectable I/O Standards in Cyclone II Devices chapter in Volume 1 of the
Cyclone II Device Handbook.
High-Speed Differential Interfaces
Cyclone II devices can transmit and receive data through LVDS signals at
a data rate of up to 640 Mbps and 805 Mbps, respectively. For the LVDS
transmitter and receiver, the Cyclone II device’s input and output pins
support serialization and deserialization through internal logic.
Differential HSTL-15 class I
or class II
Pseudo
differential (4)
(5)
1.5 V
v (7)
1.5 V
(5)
v
(6)
v
(6)
Differential HSTL-18 class I
or class II
Pseudo
differential (4)
(5)
1.8 V
v (7)
1.8 V
(5)
v
(6)
v
(6)
LVDS
Differential
2.5 V
2.5 V
vvv
v
v
RSDS and mini-LVDS (8)
Differential
(5)
2.5 V
vv
v
LVPECL (9)
Differential
3.3 V/
2.5 V/
1.8 V/
1.5 V
(5)
vv
Notes to Table 2–17:
(1)
To drive inputs higher than VCCIO but less than 4.0 V, disable the PCI clamping diode and turn on the Allow
LVTTL and LVCMOS input levels to overdrive input buffer
option in the Quartus II software.
(2)
These pins support SSTL-18 class II and 1.8- and 1.5-V HSTL class II inputs.
(3)
PCI-X does not meet the IV curve requirement at the linear region. PCI-clamp diode is not available on top and
bottom I/O pins.
(4)
Pseudo-differential HSTL and SSTL outputs use two single-ended outputs with the second output programmed
as inverted. Pseudo-differential HSTL and SSTL inputs treat differential inputs as two single-ended HSTL and
SSTL inputs and only decode one of them.
(5)
This I/O standard is not supported on these I/O pins.
(6)
This I/O standard is only supported on the dedicated clock pins.
(7)
PLL_OUT does not support differential SSTL-18 class II and differential 1.8 and 1.5-V HSTL class II.
(8)
mini-LVDS and RSDS are only supported on output pins.
(9)
LVPECL is only supported on clock inputs.
Table 2–17. Cyclone II Supported I/O Standards & Constraints (Part 2 of 2)
I/O Standard
Type
VCCIO Level
Top & Bottom
I/O Pins
Side I/O Pins
Input
Output
CLK,
DQS
User I/O
Pins
CLK,
DQS
PLL_OUT
User I/O
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com