Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 93 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 93 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 89Page - Altera Corporation EP2C8A Datasheet HTML 90Page - Altera Corporation EP2C8A Datasheet HTML 91Page - Altera Corporation EP2C8A Datasheet HTML 92Page - Altera Corporation EP2C8A Datasheet HTML 93Page - Altera Corporation EP2C8A Datasheet HTML 94Page - Altera Corporation EP2C8A Datasheet HTML 95Page - Altera Corporation EP2C8A Datasheet HTML 96Page - Altera Corporation EP2C8A Datasheet HTML 97Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 168 page
background image
Altera Corporation
5–3
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Table 5–3. DC Characteristics for User I/O, Dual-Purpose, and Dedicated Pins (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit
VIN
Input voltage
(1), (2)
–0.5
—
4.0
V
Ii
Input pin leakage
current
VIN = VCCIOmax to 0 V (3)
–10
—
10
μA
VOUT
Output voltage
—
0
—
VCCIO
V
IOZ
Tri-stated I/O pin
leakage current
VOUT = VCCIOmax to 0 V (3)
–10
—
10
μA
ICCINT0
VCCINT supply
current (standby)
VIN = ground,
no load, no
toggling inputs
TJ = 25° C
Nominal
VCCINT
EP2C5/A
—
0.010
(4)
A
EP2C8/A
—
0.017
(4)
A
EP2C15A
—
0.037
(4)
A
EP2C20/A
—
0.037
(4)
A
EP2C35
—
0.066
(4)
A
EP2C50
—
0.101
(4)
A
EP2C70
—
0.141
(4)
A
ICCIO0
VCCIO supply current
(standby)
VIN = ground,
no load, no
toggling inputs
TJ = 25° C
VCCIO = 2.5 V
EP2C5/A
—
0.7
(4)
mA
EP2C8/A
—
0.8
(4)
mA
EP2C15A
—
0.9
(4)
mA
EP2C20/A
—
0.9
(4)
mA
EP2C35
—
1.3
(4)
mA
EP2C50
—
1.3
(4)
mA
EP2C70
—
1.7
(4)
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com