Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 38 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 38 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 34Page - Altera Corporation EP2C8A Datasheet HTML 35Page - Altera Corporation EP2C8A Datasheet HTML 36Page - Altera Corporation EP2C8A Datasheet HTML 37Page - Altera Corporation EP2C8A Datasheet HTML 38Page - Altera Corporation EP2C8A Datasheet HTML 39Page - Altera Corporation EP2C8A Datasheet HTML 40Page - Altera Corporation EP2C8A Datasheet HTML 41Page - Altera Corporation EP2C8A Datasheet HTML 42Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 168 page
background image
2–26
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
Global Clock Network & Phase-Locked Loops
Table 2–4 describes the PLL features in Cyclone II devices.
Table 2–4. Cyclone II PLL Features
Feature
Description
Clock multiplication and division
m / (n × post-scale counter)
m and post-scale counter values (C0 to C2) range from 1 to 32. n ranges
from 1 to 4.
Phase shift
Cyclone II PLLs have an advanced clock shift capability that enables
programmable phase shifts in increments of at least 45°. The finest
resolution of phase shifting is determined by the voltage control oscillator
(VCO) period divided by 8 (for example, 1/1000 MHz/8 = down to 125-ps
increments).
Programmable duty cycle
The programmable duty cycle allows PLLs to generate clock outputs with
a variable duty cycle. This feature is supported on each PLL post-scale
counter (C0-C2).
Number of internal clock outputs
The Cyclone II PLL has three outputs which can drive the global clock
network. One of these outputs (C2) can also drive a dedicated
PLL<#>_OUT pin (single ended or differential).
Number of external clock outputs
The C2 output drives a dedicated
PLL<#>_OUT pin. If the C2 output is not
used to drive an external clock output, it can be used to drive the internal
global clock network. The C2 output can concurrently drive the external
clock output and internal global clock network.
Manual clock switchover
The Cyclone II PLLs support manual switchover of the reference clock
through internal logic. This enables you to switch between two reference
input clocks during user mode for applications that may require clock
redundancy or support for clocks with two different frequencies.
Gated lock signal
The lock output indicates that there is a stable clock output signal in phase
with the reference clock. Cyclone II PLLs include a programmable counter
that holds the lock signal low for a user-selected number of input clock
transitions, allowing the PLL to lock before enabling the locked signal.
Either a gated locked signal or an ungated locked signal from the locked
port can drive internal logic or an output pin.
Clock feedback modes
In zero delay buffer mode, the external clock output pin is phase-aligned
with the clock input pin for zero delay.
In normal mode, the PLL compensates for the internal global clock network
delay from the input clock pin to the clock port of the IOE output registers
or registers in the logic array.
In no compensation mode, the PLL does not compensate for any clock
networks.
Control signals
The
pllenable signal enables and disables the PLLs.
The areset signal resets/resynchronizes the inputs for each PLL.
The pfdena signal controls the phase frequency detector (PFD) output
with a programmable gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com