| Electronic Components Datasheet Search |
|
EP2C8A Datasheet(PDF) 70 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP2C8A Datasheet(HTML) 70 Page - Altera Corporation |
|
70 / 168 page ![]() 2–58 Altera Corporation Cyclone II Device Handbook, Volume 1 February 2007 I/O Structure & Features Figure 2–28. EP2C5 & EP2C8 I/O Banks Notes (1), (2) Notes to Figure 2–28: (1) This is a top view of the silicon die. (2) This is a graphic representation only. Refer to the pin list and the Quartus II software for exact pin locations. (3) The LVPECL I/O standard is only supported on clock input pins. This I/O standard is not supported on output pins. (4) The differential SSTL-18 and SSTL-2 I/O standards are only supported on clock input pins and PLL output clock pins. (5) The differential 1.8-V and 1.5-V HSTL I/O standards are only supported on clock input pins and PLL output clock pins. I/O Bank 2 I/O Bank 3 I/O Bank 4 I/O Bank 1 All I/O Banks Support ■ 3.3-V LVTTL/LVCMOS ■ 2.5-V LVTTL/LVCMOS ■ 1.8-V LVTTL/LVCMOS ■ 1.5-V LVCMOS ■ LVDS ■ RSDS ■ mini-LVDS ■ LVPECL (3) ■ SSTL-2 Class I and II ■ SSTL-18 Class I ■ HSTL-18 Class I ■ HSTL-15 Class I ■ Differential SSTL-2 (4) ■ Differential SSTL-18 (4) ■ Differential HSTL-18 (5) ■ Differential HSTL-15 (5) I/O Bank 3 Also Supports the 3.3-V PCI & PCI-X I/O Standards I/O Bank 1 Also Supports the 3.3-V PCI & PCI-X I/O Standards Individual Power Bus I/O Bank 2 Also Supports the SSTL-18 Class II, HSTL-18 Class II, & HSTL-15 Class II I/O Standards I/O Bank 4 Also Supports the SSTL-18 Class II, HSTL-18 Class II, & HSTL-15 Class II I/O Standards |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |