Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 75 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 75 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 71Page - Altera Corporation EP2C8A Datasheet HTML 72Page - Altera Corporation EP2C8A Datasheet HTML 73Page - Altera Corporation EP2C8A Datasheet HTML 74Page - Altera Corporation EP2C8A Datasheet HTML 75Page - Altera Corporation EP2C8A Datasheet HTML 76Page - Altera Corporation EP2C8A Datasheet HTML 77Page - Altera Corporation EP2C8A Datasheet HTML 78Page - Altera Corporation EP2C8A Datasheet HTML 79Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 168 page
background image
Altera Corporation
3–1
February 2007
3. Configuration & Testing
IEEE Std. 1149.1
(JTAG) Boundary
Scan Support
All Cyclone® II devices provide JTAG BST circuitry that complies with
the IEEE Std. 1149.1. JTAG boundary-scan testing can be performed
either before or after, but not during configuration. Cyclone II devices can
also use the JTAG port for configuration with the Quartus® II software or
hardware using either Jam Files (.jam) or Jam Byte-Code Files (.jbc).
Cyclone II devices support IOE I/O standard reconfiguration through the
JTAG BST chain. The JTAG chain can update the I/O standard for all
input and output pins any time before or during user mode through the
CONFIG_IO instruction. You can use this capability for JTAG testing
before configuration when some of the Cyclone II pins drive or receive
from other devices on the board using voltage-referenced standards.
Since the Cyclone II device might not be configured before JTAG testing,
the I/O pins may not be configured for appropriate electrical standards
for chip-to-chip communication. Programming the I/O standards via
JTAG allows you to fully test I/O connections to other devices.
f
For information on I/O reconfiguration, refer to the MorphIO: An I/O
Reconfiguration Solution for Altera Devices White Paper.
A device operating in JTAG mode uses four required pins:
TDI, TDO, TMS,
and
TCK. The TCK pin has an internal weak pull-down resister, while the
TDI and TMS pins have weak internal pull-up resistors. The TDO output
pin and all JTAG input pin voltage is determined by the VCCIO of the bank
where it resides. The bank VCCIO selects whether the JTAG inputs are 1.5-,
1.8-, 2.5-, or 3.3-V compatible.
1
Stratix® II, Stratix, Cyclone II and Cyclone devices must be
within the first 8 devices in a JTAG chain. All of these devices
have the same JTAG controller. If any of the Stratix II, Stratix,
Cyclone II or Cyclone devices are in the 9th of further position,
they fail configuration. This does not affect Signal Tap II.
CII51003-2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com