Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 95 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 95 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 91Page - Altera Corporation EP2C8A Datasheet HTML 92Page - Altera Corporation EP2C8A Datasheet HTML 93Page - Altera Corporation EP2C8A Datasheet HTML 94Page - Altera Corporation EP2C8A Datasheet HTML 95Page - Altera Corporation EP2C8A Datasheet HTML 96Page - Altera Corporation EP2C8A Datasheet HTML 97Page - Altera Corporation EP2C8A Datasheet HTML 98Page - Altera Corporation EP2C8A Datasheet HTML 99Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 168 page
background image
Altera Corporation
5–5
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Single-Ended I/O Standards
Tables 5–6 and 5–7 provide operating condition information when using
single-ended I/O standards with Cyclone II devices. Table 5–5 provides
descriptions for the voltage and current symbols used in Tables 5–6 and
5–7.
Table 5–5. Voltage and Current Symbol Definitions
Symbol
Definition
VCCI O
Supply voltage for single-ended inputs and for output drivers
VREF
Reference voltage for setting the input switching threshold
VIL
Input voltage that indicates a low logic level
VIH
Input voltage that indicates a high logic level
VOL
Output voltage that indicates a low logic level
VOH
Output voltage that indicates a high logic level
IOL
Output current condition under which VOL is tested
IOH
Output current condition under which VOH is tested
VTT
Voltage applied to a resistor termination as specified by
HSTL and SSTL standards
Table 5–6. Recommended Operating Conditions for User I/O Pins Using Single-Ended I/O Standards
Note (1) (Part 1 of 2)
I/O Standard
VCCIO (V)
VREF (V)
VIL (V)
VIH (V)
Min
Typ
Max
Min
Typ
Max
Max
Min
3.3-V LVTTL and
LVCMOS
3.135
3.3
3.465
—
—
—
0.8
1.7
2.5-V LVTTL and
LVCMOS
2.375
2.5
2.625
—
—
—
0.7
1.7
1.8-V LVTTL and
LVCMOS
1.710
1.8
1.890
—
—
—
0.35 × VCCIO
0.65 × VCCIO
1.5-V LVCMOS
1.425
1.5
1.575
—
—
—
0.35 × VCCIO
0.65 × VCCIO
PCI and PCI-X
3.000
3.3
3.600
—
—
—
0.3 × VCCIO
0.5 × VCCIO
SSTL-2 class I
2.375
2.5
2.625
1.19
1.25
1.31
VREF – 0.18 (DC)
VREF – 0.35 (AC)
VREF + 0.18 (DC)
VREF + 0.35 (AC)
SSTL-2 class II
2.375
2.5
2.625
1.19
1.25
1.31
VREF – 0.18 (DC)
VREF – 0.35 (AC)
VREF + 0.18 (DC)
VREF + 0.35 (AC)
SSTL-18 class I
1.7
1.8
1.9
0.833
0.9
0.969
VREF – 0.125 (DC)
VREF – 0.25 (AC)
VREF + 0.125 (DC)
VREF + 0.25 (AC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com