Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 94 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 94 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 90Page - Altera Corporation EP2C8A Datasheet HTML 91Page - Altera Corporation EP2C8A Datasheet HTML 92Page - Altera Corporation EP2C8A Datasheet HTML 93Page - Altera Corporation EP2C8A Datasheet HTML 94Page - Altera Corporation EP2C8A Datasheet HTML 95Page - Altera Corporation EP2C8A Datasheet HTML 96Page - Altera Corporation EP2C8A Datasheet HTML 97Page - Altera Corporation EP2C8A Datasheet HTML 98Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 168 page
background image
5–4
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Operating Conditions
Table 5–4 shows the maximum VIN overshoot voltage and the
dependency on the duty cycle of the input signal. Refer to Table 5–3 for
more information.
RCONF (5) (6)
Value of I/O pin
pull-up resistor
before and during
configuration
VIN = 0 V; VCCIO = 3.3 V
10
25
50
k
Ω
VIN = 0 V; VCCIO = 2.5 V
15
35
70
k
Ω
VIN = 0 V; VCCIO = 1.8 V
30
50
100
k
Ω
VIN = 0 V; VCCIO = 1.5 V
40
75
150
k
Ω
VIN = 0 V; VCCIO = 1.2 V
50
90
170
k
Ω
Recommended
value of I/O pin
external pull-down
resistor before and
during configuration
(7)
—1
2
k
Ω
Notes to Table 5–3:
(1)
All pins, including dedicated inputs, clock, I/O, and JTAG pins, may be driven before VCCINT and VCCIO are
powered.
(2)
The minimum DC input is –0.5 V. During transitions, the inputs may undershoot to –2.0 V or overshoot to the
voltages shown in Table 5–4, based on input duty cycle for input currents less than 100 mA. The overshoot is
dependent upon duty cycle of the signal. The DC case is equivalent to 100% duty cycle.
(3)
This value is specified for normal device operation. The value may vary during power-up. This applies for all VCCIO
settings (3.3, 2.5, 1.8, and 1.5 V).
(4)
Maximum values depend on the actual TJ and design utilization. See the Excel-based PowerPlay Early Power
Estimator (www.altera.com) or the Quartus II PowerPlay Power Analyzer feature for maximum values. Refer to
“Power Consumption” on page 5–13 for more information.
(5)
RCONF values are based on characterization. RCONF = VCCIO/IRCONF. RCONF values may be different if VIN value is
not 0 V. Pin pull-up resistance values will be lower if an external source drives the pin higher than VCCIO.
(6)
Minimum condition at –40°C and high VCC, typical condition at 25°C and nominal VCC and maximum condition at
125°C and low VCC for RCONF values.
(7)
These values apply to all VCCIO settings.
Table 5–3. DC Characteristics for User I/O, Dual-Purpose, and Dedicated Pins (Part 2 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit
Table 5–4. VIN Overshoot Voltage for All Input Buffers
Maximum VIN (V)
Input Signal Duty Cycle
4.0
100% (DC)
4.1
90%
4.2
50%
4.3
30%
4.4
17%
4.5
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com