Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 89 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 89 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 85Page - Altera Corporation EP2C8A Datasheet HTML 86Page - Altera Corporation EP2C8A Datasheet HTML 87Page - Altera Corporation EP2C8A Datasheet HTML 88Page - Altera Corporation EP2C8A Datasheet HTML 89Page - Altera Corporation EP2C8A Datasheet HTML 90Page - Altera Corporation EP2C8A Datasheet HTML 91Page - Altera Corporation EP2C8A Datasheet HTML 92Page - Altera Corporation EP2C8A Datasheet HTML 93Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 168 page
background image
Altera Corporation
4–7
February 2007
Cyclone II Device Handbook, Volume 1
Hot Socketing & Power-On Reset
If you cannot meet the maximum VCC ramp time requirement, you must
use an external component to hold
nCONFIG low until the power supplies
have reached their minimum recommend operating levels. Otherwise,
the device may not properly configure and enter user mode.
Conclusion
Cyclone II devices are hot socketable and support all power-up and
power-down sequences with the one requirement that VCCIO and VCCINT
be powered up and down within 100 ms of each other to keep the I/O
pins from driving out. Cyclone II devices do not require any external
devices for hot socketing and power sequencing.
Document
Revision History
Table 4–1 shows the revision history for this document.
Table 4–1. Document Revision History
Date &
Document
Version
Changes Made
Summary of Changes
February 2007
v3.1
● Added document revision history.
● Updated “I/O Pins Remain Tri-Stated during Power-Up”
section.
● Updated “Power-On Reset Circuitry” section.
● Added footnote to Figure 4–3.
● Specified VCCIO and VCCINT
supplies must be GND
when "not powered".
● Added clarification about
input-tristate behavior.
● Added infomation on VCC
monotonic ramp.
July 2005 v2.0
Updated technical content throughout.
February 2005
v1.1
Removed ESD section.
June 2004 v1.0
Added document to the Cyclone II Device Handbook.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com