Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 113 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 113 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 109Page - Altera Corporation EP2C8A Datasheet HTML 110Page - Altera Corporation EP2C8A Datasheet HTML 111Page - Altera Corporation EP2C8A Datasheet HTML 112Page - Altera Corporation EP2C8A Datasheet HTML 113Page - Altera Corporation EP2C8A Datasheet HTML 114Page - Altera Corporation EP2C8A Datasheet HTML 115Page - Altera Corporation EP2C8A Datasheet HTML 116Page - Altera Corporation EP2C8A Datasheet HTML 117Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 168 page
background image
Altera Corporation
5–23
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Cyclone II Clock Timing Parameters
Refer to Tables 5–20 through 5–34 for Cyclone II clock timing parameters.
EP2C5/A Clock Timing Parameters
Tables 5–21 and 5–22 show the clock timing parameters for EP2C5/A
devices.
TM4KCLR
191
—
244
—
244
—
ps
—
—
217
—
244
—
ps
Notes to Table 5–19:
(1)
For the –6 speed grades, the minimum timing is for the commercial temperature grade. The –7 speed grade devices
offer the automotive temperature grade. The –8 speed grade devices offer the industrial temperature grade.
(2)
For each parameter of the –7 speed grade columns, the value in the first row represents the minimum timing
parameter for automotive devices. The second row represents the minimum timing parameter for commercial
devices.
(3)
For each parameter of the –8 speed grade columns, the value in the first row represents the minimum timing
parameter for industrial devices. The second row represents the minimum timing parameter for commercial
devices.
Table 5–19. M4K Block Internal Timing Microparameters (Part 3 of 3)
Parameter
–6 Speed Grade (1)
–7 Speed Grade (2)
–8 Speed Grade (3)
Unit
Min
Max
Min
Max
Min
Max
Table 5–20. Cyclone II Clock Timing Parameters
Symbol
Parameter
tCIN
Delay from clock pad to I/O input register
tCOUT
Delay from clock pad to I/O output register
tPLLCIN
Delay from PLL
inclk pad to I/O input register
tPLLCOUT
Delay from PLL
inclk pad to I/O output register
Table 5–21. EP2C5/A Column Pins Global Clock Timing Parameters (Part 1 of 2)
Parameter
Fast Corner
–6 Speed
Grade
–7 Speed
Grade
(1)
–7 Speed
Grade
(2)
–8 Speed
Grade
Unit
Industrial/
Automotive
Commercial
tCIN
1.283
1.343
2.329
2.484
2.688
2.688
ns
tCOUT
1.297
1.358
2.363
2.516
2.717
2.717
ns
tPL LCIN
–0.188
–0.201
0.076
0.038
0.042
0.052
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com