Electronic Components Datasheet Search
  English  ▼

X  

TSL2583 Datasheet(PDF) 8 Page - ams AG

Part # TSL2583
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2583 Datasheet(HTML) 8 Page - ams AG

Back Button TSL2583 Datasheet HTML 4Page - ams AG TSL2583 Datasheet HTML 5Page - ams AG TSL2583 Datasheet HTML 6Page - ams AG TSL2583 Datasheet HTML 7Page - ams AG TSL2583 Datasheet HTML 8Page - ams AG TSL2583 Datasheet HTML 9Page - ams AG TSL2583 Datasheet HTML 10Page - ams AG TSL2583 Datasheet HTML 11Page - ams AG TSL2583 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
7
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
PRINCIPLES OF OPERATION
Analog-to-Digital Converter
The TSL258x contains two integrating analog-to-digital converters (ADC) that integrate the currents from the
channel 0 and channel 1 photodiodes. Integration of both channels occurs simultaneously, and upon completion
of the conversion cycle the conversion result is transferred to the channel 0 and channel 1 data registers,
respectively. The transfers are double buffered to ensure that invalid data is not read during the transfer. After
the transfer, the device automatically begins the next integration cycle.
Digital Interface
Interface and control of the TSL258x is accomplished through a two-wire serial interface to a set of registers
that provide access to device control functions and output data. The serial interface is compatible with I2C bus
Fast-Mode. The TSL258x offers three slave addresses that are selectable via an external pin (ADDR SEL). The
slave address options are shown in Table 1.
Table 1. Slave Address Selection
ADDR SEL TERMINAL LEVEL
SLAVE ADDRESS
GND
0101001
Float
0111001
VDD
1001001
NOTE: A read/write bit should be appended to the slave address by the master device to properly communicate with the TSL258x device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com