Electronic Components Datasheet Search
  English  ▼

X  

TSL2583 Datasheet(PDF) 25 Page - ams AG

Part # TSL2583
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2583 Datasheet(HTML) 25 Page - ams AG

Back Button TSL2583 Datasheet HTML 21Page - ams AG TSL2583 Datasheet HTML 22Page - ams AG TSL2583 Datasheet HTML 23Page - ams AG TSL2583 Datasheet HTML 24Page - ams AG TSL2583 Datasheet HTML 25Page - ams AG TSL2583 Datasheet HTML 26Page - ams AG TSL2583 Datasheet HTML 27Page - ams AG TSL2583 Datasheet HTML 28Page - ams AG TSL2583 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
24
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
APPLICATION INFORMATION: HARDWARE
Power Supply Decoupling and Application Hardware Circuit
The power supply lines must be decoupled with a 0.1
μF capacitor placed as close to the device package as
possible (Figure 7). The bypass capacitor should have low effective series resistance (ESR) and low effective
series inductance (ESI), such as the common ceramic types, which provide a low impedance path to ground
at high frequencies to handle transient currents caused by internal logic switching.
Figure 3 shows how the 111
× gain is impacted by the line inductance between the VDD pin and the decoupling
capacitor.
TSL2581/
TSL2583
VBUS
VDD
0.1
mF
RP
RP
SCL
SDA
RPI
INT
Figure 7. Bus Pull-Up Resistors
Pull-up resistors (RP) maintain the SCL and SDA lines at a high level when the bus is free and ensure the signals
are pulled up from a low to a high level within the required rise time. The I2C bus protocol was developed by
Philips (now NXP). The pull-up resistor (RP) value is a function of the I2C bus speed, the supply voltage, and
the
capacitive
bus
loading.
Users
should
consult
the
NXP
I2C
design
specification
(http://www.i2c−bus.org/references/) for assistance. With a lightly loaded bus running at 400 kbps and
VBUS = 3 V, 1.5 kΩ resistors have been found to be viable.
A pull-up resistor (RPI) is also required for the interrupt (INT), which functions as a wired-AND signal in a similar
fashion to the SCL and SDA lines. A typical impedance value between 10 k
Ω and 100 kΩ can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com