Electronic Components Datasheet Search
  English  ▼

X  

TSL2583 Datasheet(PDF) 16 Page - ams AG

Part # TSL2583
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2583 Datasheet(HTML) 16 Page - ams AG

Back Button TSL2583 Datasheet HTML 12Page - ams AG TSL2583 Datasheet HTML 13Page - ams AG TSL2583 Datasheet HTML 14Page - ams AG TSL2583 Datasheet HTML 15Page - ams AG TSL2583 Datasheet HTML 16Page - ams AG TSL2583 Datasheet HTML 17Page - ams AG TSL2583 Datasheet HTML 18Page - ams AG TSL2583 Datasheet HTML 19Page - ams AG TSL2583 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
15
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
ID Register (12h)
The ID register provides the value for both the part number and silicon revision number for that part number.
It is a read-only register whose value never changes.
Table 11. ID Register
6
75
4
REVNO
2
31
0
PARTNO
Address
12h
Reset
− −
Bit :
FIELD
BITS
DESCRIPTION
PARTNO
7:4
Part Number Identification: field value 1001b
REVNO
3:0
Revision number identification
ADC Channel Data Registers (14h − 17h)
The ADC channel data are expressed as 16-bit values spread across two registers. The ADC channel 0 data
registers, DATA0LOW and DATA0HIGH provide the lower and upper bytes, respectively, of the ADC value of
channel 0. Registers DATA1LOW and DATA1HIGH provide the lower and upper bytes, respectively, of the ADC
value of channel 1. All channel data registers are read-only and default to 00h on power up.
Table 12. ADC Channel Data Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
DATA0LOW
14h
7:0
ADC channel 0 lower byte
DATA0HIGH
15h
7:0
ADC channel 0 upper byte
DATA1LOW
16h
7:0
ADC channel 1 lower byte
DATA1HIGH
17h
7:0
ADC channel 1 upper byte
The upper byte data registers can only be read following a read to the corresponding lower byte register. When
the lower byte register is read, the upper eight bits are strobed into a shadow register, which is read by a
subsequent read to the upper byte. The upper register will read the correct value even if additional ADC
integration cycles end between the reading of the lower and upper registers.
NOTE: The Read Word protocol can be used to read byte-paired registers. For example, the DATA0LOW and DATA0HIGH registers (as well as
the DATA1LOW and DATA1HIGH registers) may be read together to obtain the 16-bit ADC value in a single transaction
Manual Integration Timer Registers (18h − 19h)
The MANUAL INTEGRATION TIMER registers provide the number of cycles in 10.9
μs increments that
occurred during a manual start/stop integration period. The timer is expressed as a 16-bit value across two
registers. See CONTROL and TIMING Registers for further instructions in configuring a manual integration.
The maximum time that can be derived without an overflow is 714.3 ms.
Table 13.
Manual Integration Timer Registers
6
75
4
2
31
0
TIMER
Address
18h 19h
Reset
00h
Bit :
REGISTER
ADDRESS
BITS
DESCRIPTION
TIMERLOW
18h
7:0
Manual Integration Timer lower byte
TIMERHIGH
19h
7:0
Manual Integration Timer upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com