Electronic Components Datasheet Search
  English  ▼

X  

TSL2583 Datasheet(PDF) 27 Page - ams AG

Part # TSL2583
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2583 Datasheet(HTML) 27 Page - ams AG

Back Button TSL2583 Datasheet HTML 23Page - ams AG TSL2583 Datasheet HTML 24Page - ams AG TSL2583 Datasheet HTML 25Page - ams AG TSL2583 Datasheet HTML 26Page - ams AG TSL2583 Datasheet HTML 27Page - ams AG TSL2583 Datasheet HTML 28Page - ams AG TSL2583 Datasheet HTML 29Page - ams AG TSL2583 Datasheet HTML 30Page - ams AG TSL2583 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
26
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
PACKAGE INFORMATION
PACKAGE CS
Six-Lead Chipscale
1750
500
BSC
1250
6
y 100
415
+ 20
710
+ 45
500
BSC
500
BSC
375
+ 30
375
+ 30
TOP VIEW
BOTTOM VIEW
END VIEW
6
y j 210 + 30
PIN OUT
Lead Free
Pb
442
+ 10
442
+ 10
PHOTODIODE ARRAY
BOTTOM VIEW
SDA 6
INT 5
SCL 4
1 VDD
2 ADDR SEL
3 GND
8 Nominal
CL of Solder Contacts
CL of Photodiode
Array Area
C
L of Solder Contacts
of Photodiode Array Area
C
L
139 Nominal
PIN 1
PIN 1
NOTES: A. All linear dimensions are in micrometers. Dimension tolerance is
± 25 μm unless otherwise noted.
B. Solder bumps are formed of Sn (96.5%), Ag (3%), and Cu (0.5%).
C. The layer above the photodiode is glass and epoxy with an index of refraction of 1.53.
D. This drawing is subject to change without notice.
Figure 10. Package CS — Six-Lead Chipscale Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com