Electronic Components Datasheet Search
  English  ▼

X  

TSL2583 Datasheet(PDF) 12 Page - ams AG

Part # TSL2583
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2583 Datasheet(HTML) 12 Page - ams AG

Back Button TSL2583 Datasheet HTML 8Page - ams AG TSL2583 Datasheet HTML 9Page - ams AG TSL2583 Datasheet HTML 10Page - ams AG TSL2583 Datasheet HTML 11Page - ams AG TSL2583 Datasheet HTML 12Page - ams AG TSL2583 Datasheet HTML 13Page - ams AG TSL2583 Datasheet HTML 14Page - ams AG TSL2583 Datasheet HTML 15Page - ams AG TSL2583 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
11
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Control Register (00h)
The CONTROL register primarily used to power the TSL258x device up and down as shown in Table 4.
Table 4. Control Register
6
75
4
POWER
2
31
0
Reserved
Resv
ADC_VALID
Reserved
ADC_EN
ADC_INTR
Address
00h
Reset
00h
Bit :
FIELD
BIT
DESCRIPTION
Reserved
7:6
Reserved. Write as 0.
ADC_INTR
5
ADC Interrupt. Read only. Indicates that the device is asserting an interrupt.
ADC_VALID
4
ADC Valid. Read only. Indicates that the ADC channel has completed an integration cycle.
Reserved
3:2
Reserved. Write as 0.
ADC_EN
1
ADC Enable. This field enables the two ADC channels to begin integration. Writing a 1 activates the ADC
channels, and writing a 0 disables the ADCs.
POWER
0
Power On. Writing a 1 powers on the device, and writing a 0 turns it off.
NOTE: ADC_EN and POWER must be asserted before the ADC changes will operate correctly. After POWER is asserted, a 2-ms delay is
required before asserting ADC_EN.
NOTE: The TSL258x device registers should be configured before ADC_EN is asserted.
Timing Register (01h)
The TIMING register controls the internal integration time of the ADC channels in 2.7-ms increments. The
TIMING register defaults to 00h at power on.
Table 5. Timing Register
6
75
4
2
31
0
ATIME
Address
01h
Reset
00h
Bit :
FIELD
BIT
DESCRIPTION
Integration Cycles. Specifies the integration time in 2.7-ms intervals. Time is expressed as a 2’s
complement number. So, to quickly work out the correct value to write: (1) determine the number of
2.7-ms intervals required, and (2) then take the 2’s complement. For example, for a 1
× 2.7-ms interval,
0xFF should be written. For 2
× 2.7-ms intervals, 0xFE should be written. The maximum integration time
is 688.5 ms (00000001b).
Writing a 0x00 to this register is a special case and indicates manual timing mode. See CONTROL and
MANUAL INTEGRATION TIMER Registers for other device options related to manual integration.
INTEG_CYCLES
TIME
VALUE
ATIME
7:0
−
Manual integration
00000000
ATIME
7:0
1
2.7 ms
11111111
2
5.4 ms
11111110
19
51.3 ms
11101101
37
99.9 ms
11011011
74
199.8 ms
10110110
148
399.6 ms
01101100
255
688.5 ms
00000001
NOTE: The Send Byte protocol cannot be used when ATIME is greater than 127 (for example ATIME[7] = 1) since the upper bit is set aside for
write transactions in the COMMAND register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com