Electronic Components Datasheet Search
  English  ▼

X  

TSL2583 Datasheet(PDF) 15 Page - ams AG

Part # TSL2583
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2583 Datasheet(HTML) 15 Page - ams AG

Back Button TSL2583 Datasheet HTML 11Page - ams AG TSL2583 Datasheet HTML 12Page - ams AG TSL2583 Datasheet HTML 13Page - ams AG TSL2583 Datasheet HTML 14Page - ams AG TSL2583 Datasheet HTML 15Page - ams AG TSL2583 Datasheet HTML 16Page - ams AG TSL2583 Datasheet HTML 17Page - ams AG TSL2583 Datasheet HTML 18Page - ams AG TSL2583 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
TSL2581, TSL2583
LIGHT-TO-DIGITAL CONVERTER
TAOS134A − JULY 2012
14
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Interrupt Threshold Registers (03h − 06h)
The interrupt threshold registers store the values to be used as the high and low trigger points for the comparison
function for interrupt generation. If the value generated by channel 0 crosses below or is equal to the low
threshold specified, an interrupt is asserted on the interrupt pin. If the value generated by channel 0 crosses
above the high threshold specified, an interrupt is asserted on the interrupt pin. Registers TLLOW and
TLHIGH provide the low byte and high byte, respectively, of the lower interrupt threshold. Registers THLOW
and THHIGH provide the low and high bytes, respectively, of the upper interrupt threshold. The high and low
bytes from each set of registers are combined to form a 16-bit threshold value. The interrupt threshold registers
default to 00h on power up.
Table 9. Interrupt Threshold Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
TLLOW
3h
7:0
ADC channel 0 lower byte of the low threshold
TLHIGH
4h
7:0
ADC channel 0 upper byte of the low threshold
THLOW
5h
7:0
ADC channel 0 lower byte of the high threshold
THHIGH
6h
7:0
ADC channel 0 upper byte of the high threshold
NOTE: Since two 8-bit values are combined for a single 16-bit value for each of the high and low interrupt thresholds, the Send Byte protocol should
not be used to write to these registers. Any values transferred by the Send Byte protocol with the MSB set would be interpreted as the
COMMAND field and stored as an address for subsequent read/write operations and not as the interrupt threshold information as desired.
The Write Word protocol should be used to write byte-paired registers. For example, the TLLOW and TLHIGH registers (as well as the
THLOW and THHIGH registers) can be written together to set the 16-bit ADC value in a single transaction.
Analog Register (07h)
The ANALOG register provides eight bits of control to the analog block. These bits control the analog gain
settings of the device.
Table 10. Analog Register
6
75
4
2
31
0
RESV
GAIN
Address
07h
Reset
00h
Bit :
FIELD
BITS
DESCRIPTION
Resv
7:3
Reserved. Write as 0.
Gain Control. Sets the analog gain of the device according to the following table.
FIELD VALUE
GAIN VALUE
Gain
2:0
x00
1
×
Gain
2:0
x01
8
×
x10
16
×
x11
111
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com