Electronic Components Datasheet Search
  English  ▼

X  

ATV2500BQL Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATV2500BQL
Description  High-Speed High-Density UV Erasable Programmable Logic Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500BQL Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATV2500BQL Datasheet HTML 4Page - ATMEL Corporation ATV2500BQL Datasheet HTML 5Page - ATMEL Corporation ATV2500BQL Datasheet HTML 6Page - ATMEL Corporation ATV2500BQL Datasheet HTML 7Page - ATMEL Corporation ATV2500BQL Datasheet HTML 8Page - ATMEL Corporation ATV2500BQL Datasheet HTML 9Page - ATMEL Corporation ATV2500BQL Datasheet HTML 10Page - ATMEL Corporation ATV2500BQL Datasheet HTML 11Page - ATMEL Corporation ATV2500BQL Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ATV2500B
8
AC Waveforms(1)
Combinatorial Outputs and Feedback
Note:
1.
Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
Register AC Characteristics, Product Term Clock
Symbol
Parameter
-12
-15
-20
-25
-30
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
COA
Clock to Output
12
15
20
22
25
ns
t
CFA
Clock to Feedback
3
7
5
12
10
16
12
18
13
20
ns
t
SIA
Input Setup Time
4
5
10
15
19
ns
t
SFA
Feedback Setup Time
4
5
8
10
10
ns
t
HA
Hold Time
3
5
10
12
13
ns
t
WA
Clock Width
5.5
7.5
11
14
15
ns
t
PA
Clock Period
11
15
22
28
30
ns
F
MAXA
External Feedback 1/(t
SIA + tCOA)
62.5
50332723
MHz
Internal Feedback 1/(t
SFA + tCFA)
9058383624
MHz
No Feedback 1/(t
PS)
9066453633
MHz
t
ARA
Asynchronous Reset/Preset
Recovery Time
3
8
12
15
18
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com