Electronic Components Datasheet Search
  English  ▼

X  

ATV2500BQL Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATV2500BQL
Description  High-Speed High-Density UV Erasable Programmable Logic Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500BQL Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATV2500BQL Datasheet HTML 6Page - ATMEL Corporation ATV2500BQL Datasheet HTML 7Page - ATMEL Corporation ATV2500BQL Datasheet HTML 8Page - ATMEL Corporation ATV2500BQL Datasheet HTML 9Page - ATMEL Corporation ATV2500BQL Datasheet HTML 10Page - ATMEL Corporation ATV2500BQL Datasheet HTML 11Page - ATMEL Corporation ATV2500BQL Datasheet HTML 12Page - ATMEL Corporation ATV2500BQL Datasheet HTML 13Page - ATMEL Corporation ATV2500BQL Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ATV2500B
10
Power-Up Reset
The registers in the ATV2500Bs are designed to reset dur-
ing power up. At a point delayed slightly from V
CC crossing
V
RST, all registers will be reset to the low state. The output
state will depend on the polarity of the output buffer.
This feature is critical for state as nature of reset and the
uncertainty of how VCC actually rises in the system, the fol-
lowing conditions are required:
1.
The V
CC rise must be monotonic,
2.
After reset occurs, all input and feedback setup
times must be met before driving the clock pin or
terms high, and
3.
The clock pin, and any signals from which clock
terms are derived, must remain stable during t
PR.
Level forced on
Odd I/O pin
during
PRELOAD cycle
Q Select Pin
State
Even/Odd Select
Even Q1 state
after cycle
Even Q2 state
after cycle
Odd Q1 state
after cycle
Odd Q2 state
after cycle
V
IH/VIL
Low
Low
High/Low
X
X
X
V
IH/VIL
High
Low
X
High/Low
X
X
V
IH/VIL
Low
High
X
X
High/Low
X
V
IH/VIL
High
High
X
X
X
High/Low
Parameter
Description
Typ
Max
Units
t
PR
Power-Up Reset Time
600
1000
ns
V
RST
Power-Up Reset Voltage
3.8
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com