Electronic Components Datasheet Search
  English  ▼

X  

ATV2500BQL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATV2500BQL
Description  High-Speed High-Density UV Erasable Programmable Logic Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500BQL Datasheet(HTML) 1 Page - ATMEL Corporation

  ATV2500BQL Datasheet HTML 1Page - ATMEL Corporation ATV2500BQL Datasheet HTML 2Page - ATMEL Corporation ATV2500BQL Datasheet HTML 3Page - ATMEL Corporation ATV2500BQL Datasheet HTML 4Page - ATMEL Corporation ATV2500BQL Datasheet HTML 5Page - ATMEL Corporation ATV2500BQL Datasheet HTML 6Page - ATMEL Corporation ATV2500BQL Datasheet HTML 7Page - ATMEL Corporation ATV2500BQL Datasheet HTML 8Page - ATMEL Corporation ATV2500BQL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Note:
For ATV2500BQ and
ATV2500BQL (PLCC/LCC
package only) pin 4 and
pin 26 connections are not
required.
Pin Configurations
Pin Name
Function
IN
Logic Inputs
CLK/IN
Pin Clock and
Input
I/O
Bidirectional
Buffers
I/O 0,2,4..
“Even” I/O Buffers
I/O 1,3,5..
“Odd” I/O Buffers
GND
Ground
VCC
+5V Supply
Features
• High Performance, High Density Programmable Logic Device
– Typical 7 ns Pin-to-Pin Delay
– Fully Connected Logic Array With 416 Product Terms
• Flexible Output Macrocell
– 48 Flip-Flops - Two per Macrocell
– 72 Sum Terms
– All Flip-Flops, I/O Pins Feed In Independently
– Achieves Over 80% Gate Utilization
• Enhanced Macrocell Configuration Selections
– D- or T-Type Flip-Flops
– Product Term or Direct Input Pin Clocking
– Registered or Combinatorial Internal Feedback
• Several Power Saving Options
• Backward Compatible With ATV2500H/L Software
• Proven and Reliable High Speed UV EPROM Process
• Reprogrammable - Tested 100% for Programmability
• 40-Pin Dual-In-Line and 44-Pin Lead Surface Mount Packages
Block Diagram
Device
I
CC, Stand-By
ATV2500B
110 mA
ATV2500BQ
30 mA
ATV2500BL
2 mA
ATV2500BQL
2 mA
Rev. 0249F–06/98
High-Speed
High-Density
UV Erasable
Programmable
Logic Device
ATV2500B
DIP
LCC/PLCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
CLK/IN
IN
IN
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
VCC
I/O17
I/O16
I/O15
I/O14
I/O13
I/O12
IN
IN
IN
IN
IN
IN
IN
IN
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
GND
I/O23
I/O22
I/O21
I/O20
I/O19
I/O18
IN
IN
IN


Similar Part No. - ATV2500BQL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATV2500BQL ATMEL-ATV2500BQL_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
More results

Similar Description - ATV2500BQL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT22LV10 ATMEL-AT22LV10 Datasheet
507Kb / 11P
Low-Voltage UV Erasable Programmable Logic Device
ATV2500H ATMEL-ATV2500H Datasheet
661Kb / 15P
High-Density UV-Erasable Programmable Logic Device
ATV750 ATMEL-ATV750 Datasheet
544Kb / 14P
High Density UV Erasable Programmable Logic Device
ATV750B ATMEL-ATV750B Datasheet
737Kb / 16P
High-Speed UV-Erasable Programmable Logic Device
AT22V10 ATMEL-AT22V10 Datasheet
277Kb / 11P
High Speed UV Erasable Programmable Logic Device
AT22V10B ATMEL-AT22V10B Datasheet
217Kb / 9P
High Speed UV Erasable Programmable Logic Device
ATV5000 ATMEL-ATV5000 Datasheet
156Kb / 13P
High Density UV Erasable Programmable Logic Device
ATF750C ATMEL-ATF750C_14 Datasheet
509Kb / 25P
Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF750CL ATMEL-ATF750CL_14 Datasheet
509Kb / 25P
Advanced, High-speed, Electrically-erasable Programmable Logic Device
ATF2500C ATMEL-ATF2500C_14 Datasheet
620Kb / 24P
High-performance, High-density, Electrically-erasable Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com