Electronic Components Datasheet Search
  English  ▼

X  

ATV2500BQL Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATV2500BQL
Description  High-Speed High-Density UV Erasable Programmable Logic Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500BQL Datasheet(HTML) 4 Page - ATMEL Corporation

  ATV2500BQL Datasheet HTML 1Page - ATMEL Corporation ATV2500BQL Datasheet HTML 2Page - ATMEL Corporation ATV2500BQL Datasheet HTML 3Page - ATMEL Corporation ATV2500BQL Datasheet HTML 4Page - ATMEL Corporation ATV2500BQL Datasheet HTML 5Page - ATMEL Corporation ATV2500BQL Datasheet HTML 6Page - ATMEL Corporation ATV2500BQL Datasheet HTML 7Page - ATMEL Corporation ATV2500BQL Datasheet HTML 8Page - ATMEL Corporation ATV2500BQL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ATV2500B
4
*NOTICE:
Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions beyond those indicated in the operational sec-
tions of this specification is not implied. Exposure to
absolute maximum rating conditions for extended
periods may affect device reliability.
Note:
1.
Minimum voltage is -0.6V dc which may undershoot
to -2.0V for pulses of less than 20ns. Maximum out-
put pin volt-
ageisV
CC+0.75V dcwhich may over-
shoot to +7.0V for pulses of less than 20ns.
Absolute Maximum Ratings*
emperature Under Bias.................................. -55°C to +125°C
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground ........................................-2.0V to +7.0V (1)
Voltage on Input Pins
with Respect to Ground
During Programming....................................-2.0V to +14.0V (1)
Programming Voltage with
Respect to Ground ......................................-2.0V to +14.0V (1)
Integrated UV Erase Dose..............................7258 W•sec/cm2
Note:
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
DC and AC Operating Conditions
Commercial
Industrial
Military
Operating Temperature (Case)
0°C - 70°C
-40°C - 85°C
-55°C - 125°C
V
CC Power Supply
5V ± 5%
5V ± 10%
5V ± 10%
Pin Capacitance (f = 1 MHz, T = 25°C)(1)
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com