Electronic Components Datasheet Search
  English  ▼

X  

ATV2500BQL Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATV2500BQL
Description  High-Speed High-Density UV Erasable Programmable Logic Device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATV2500BQL Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATV2500BQL Datasheet HTML 10Page - ATMEL Corporation ATV2500BQL Datasheet HTML 11Page - ATMEL Corporation ATV2500BQL Datasheet HTML 12Page - ATMEL Corporation ATV2500BQL Datasheet HTML 13Page - ATMEL Corporation ATV2500BQL Datasheet HTML 14Page - ATMEL Corporation ATV2500BQL Datasheet HTML 15Page - ATMEL Corporation ATV2500BQL Datasheet HTML 16Page - ATMEL Corporation ATV2500BQL Datasheet HTML 17Page - ATMEL Corporation ATV2500BQL Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
ATV2500B
17
Packaging Information
.045(1.14) X 45°
PIN NO. 1
IDENTIFY
.045(1.14) X 30° - 45°
.012(.305)
.008(.203)
.021(.533)
.013(.330)
.630(16.0)
.590(15.0)
.043(1.09)
.020(.508)
.120(3.05)
.090(2.29)
.180(4.57)
.165(4.19)
.500(12.7) REF SQ
.032(.813)
.026(.660)
.050(1.27) TYP
.022(.559) X 45° MAX (3X)
.656(16.7)
.650(16.5)
.695(17.7)
.685(17.4)
SQ
SQ
.045(1.14) X 45°
.032(.813)
.026(.660)
.050(1.27) TYP
.500(12.7) REF SQ
.035(.889) X 45°
.010(.254)
.006(.152)
.021(.533)
.017(.432)
.630(16.0)
.590(15.0)
.045(1.14)
.035(.889)
.120(3.05)
.090(2.29)
.180(4.57)
.156(3.96)
.665(16.9)
.645(16.4)
.695(17.7)
.685(17.4)
SQ
SQ
.025(.635) RADIUS MAX (3X)
2.07(52.6)
2.04(51.8)
PIN
1
.566(14.4)
.530(13.5)
.090(2.29)
MAX
.005(.127)
MIN
.065(1.65)
.015(.381)
.022(.559)
.014(.356)
.065(1.65)
.041(1.04)
0
15
REF
.690(17.5)
.610(15.5)
.630(16.0)
.590(15.0)
.012(.305)
.008(.203)
.110(2.79)
.090(2.29)
.161(4.09)
.125(3.18)
SEATING
PLANE
.220(5.59)
MAX
1.900(48.26) REF
40DW6, 40-Lead, 0.600” Wide, Windowed, Ceramic
Dual Inline Package (Cerdip)
Dimensions in Inches and (Millimeters)
MIL-STD-1835 D-5 CONFIG A
44J, 44-Lead, Plastic J-Leaded Chip Carrier (PLCC)
Dimensiosn in Inches and (Millimeters)
JEDEC STANDARD MS-018 AC
44KW, 44-Lead, Windowed, Ceramic J-Leaded Chip
Carrier (JLCC)
Dimensions in Inches and (Millimeters)
MIL-STD-1835 CJ1
40P6, 40-Lead, 0.600” Wide, Plastic Dual Inline
Package (PDIP)
Dimensions in Inches and (Millimeters)
JEDED STANDARD MS-011 AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com